Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1556 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1556
Description  16μA IQ, 1.2A PWM Step-Down DC-DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1556 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1556_11 Datasheet HTML 1Page - Maxim Integrated Products MAX1556_11 Datasheet HTML 2Page - Maxim Integrated Products MAX1556_11 Datasheet HTML 3Page - Maxim Integrated Products MAX1556_11 Datasheet HTML 4Page - Maxim Integrated Products MAX1556_11 Datasheet HTML 5Page - Maxim Integrated Products MAX1556_11 Datasheet HTML 6Page - Maxim Integrated Products MAX1556_11 Datasheet HTML 7Page - Maxim Integrated Products MAX1556_11 Datasheet HTML 8Page - Maxim Integrated Products MAX1556_11 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
16µA IQ, 1.2A PWM DC-DC
Step-Down Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VINP = VSHDN = 3.6V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, INP, OUT, D2, SHDN to GND ..........................-0.3V to +6.0V
SS, D1 to GND .............................................-0.3V to (VIN + 0.3V)
PGND to GND .......................................................-0.3V to +0.3V
LX Current (Note 1)...........................................................±2.25A
Output Short-Circuit Duration.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
10-Pin TDFN (derate 24.4mW/°C above +70°C) .......1951mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
2.6
5.5
V
Undervoltage-Lockout Threshold
VIN rising and falling, 35mV hysteresis (typ)
2.20
2.35
2.55
V
No switching, D1 = D2 = GND
16
25
Quiescent Supply Current
Dropout
27
42
µA
TA = +25°C
0.1
1
Shutdown Supply Current
SHDN = GND
TA = +85°C
0.1
µA
Output Voltage Range
0.75
VIN
V
No load
-0.25
+0.75
+1.75
300mA load
-0.75
0
+0.75
600mA load
-1.5
-0.75
0
1200mA load, MAX1556
-2.75
-2.25
-1.25
TA = 0°C to +85°C
(Note 3)
1200mA load, MAX1556A
-2.25
No load
-0.75
+2.25
300mA load
-1.5
+1.5
600mA load
-2.25
+0.50
Output Accuracy
TA = -40°C to +85°C
(Note 3)
1200mA load, MAX1556
-4.0
-1.0
%
MAX1556/MAX1556A
1200
Maximum Output Current
MAX1557
600
mA
TA = +25°C
0.01
0.1
D1 = D2 = GND
MAX1556/MAX1557
TA = +85°C
0.01
OUT Bias Current
For preset output voltages
3
4.5
µA
No load
-0.50
+0.75
+1.75
300mA load
-1.2
0
+1.2
600mA load
-1.75
-0.75
+0.25
D1 = D2 = GND,
VOUT = 0.75V at
300mA (typ),
TA = 0°C to +85°C
MAX1556/MAX1557
1200mA load, MAX1556 only
-3.25
-2.25
-1.25
No load
-1.25
+2.25
300mA load
-1.75
+1.50
600mA load
-2.75
+0.25
FB Threshold Accuracy
D1 = D2 = GND,
VOUT = 0.75V
at 300mA (typ),
TA = -40°C to +85°C
MAX1556/MAX1557
1200mA load, MAX1556 only
-4.25
-1.00
%
Note 1: LX has internal clamp diodes to GND and IN. Applications that forward bias these diodes should take care not to exceed
the IC’s package power-dissipation limits.


Similar Part No. - MAX1556_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_1 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
More results

Similar Description - MAX1556_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1556 MAXIM-MAX1556_10 Datasheet
280Kb / 12P
   16μA IQ,, 1.2A PWM Step-Down DC-DC Converters
Rev 2; 6/10
MAX1556 MAXIM-MAX1556_1 Datasheet
718Kb / 12P
   16關A IQ, 1.2A PWM Step-Down DC-DC Converters
Rev 0; 7/04
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
   PWM Controlled, Step down DC/DC Converters
XC9201 TOREX-XC9201 Datasheet
341Kb / 20P
   PWM Controlled Step-Down DC/DC Converters
logo
SHANGHAI BELLING CO., L...
BL8516 BELLING-BL8516 Datasheet
456Kb / 7P
   1.2A Step-down DC-DC Converter
logo
Torex Semiconductor
XC6365 TOREX-XC6365_2 Datasheet
1Mb / 24P
   PWM Controlled, PWM/PFM Switchable Step-Down DC/DC Converters
XC6376 TOREX-XC6376 Datasheet
306Kb / 17P
   PWM Controlled PWM/PFM Switchable Step-down DC/DC Converters
logo
Will Semiconductor Ltd.
WD1015 WILLSEMI-WD1015 Datasheet
1Mb / 11P
   1.5MHz, 1.2A, Step-down DC-DC Converter
logo
Maxim Integrated Produc...
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
   3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
252Kb / 10P
   3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com