Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1473 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1473
Description  315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1473 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1473_11 Datasheet HTML 2Page - Maxim Integrated Products MAX1473_11 Datasheet HTML 3Page - Maxim Integrated Products MAX1473_11 Datasheet HTML 4Page - Maxim Integrated Products MAX1473_11 Datasheet HTML 5Page - Maxim Integrated Products MAX1473_11 Datasheet HTML 6Page - Maxim Integrated Products MAX1473_11 Datasheet HTML 7Page - Maxim Integrated Products MAX1473_11 Datasheet HTML 8Page - Maxim Integrated Products MAX1473_11 Datasheet HTML 9Page - Maxim Integrated Products MAX1473_11 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
315MHz/433MHz ASK Superheterodyne
Receiver with Extended Dynamic Range
6
_______________________________________________________________________________________
Typical Operating Characteristics
(
Typical Application Circuit, VDD = 3.3V, fRF = 315MHz, TA = +25°C, unless otherwise noted.)
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.5
3.4
3.3
3.2
3.1
5.0
5.1
5.2
5.3
5.4
5.5
5.6
4.9
3.0
3.6
+105
°C
+85
°C
+25
°C
-40
°C
SUPPLY CURRENT
vs. RF FREQUENCY
RF FREQUENCY (MHz)
450
400
350
300
5.0
5.5
6.0
6.5
7.0
4.5
250
500
+105
°C
+25
°C
+85
°C
-40
°C
100
0.01
-121
-118
-120
-119
-117 -116
-114
BIT-ERROR RATE
vs. AVERAGE RF INPUT POWER
0.1
1
10
AVERAGE INPUT POWER (dBm)
-115
fRF = 433MHz
fRF = 315MHz
SENSITIVITY vs. TEMPERATURE
TEMPERATURE (
°C)
85
60
-15
10
35
-113
-112
-111
-110
-109
-108
-107
-106
-105
-114
-40
110
fRF = 315MHz
fRF = 433MHz
PEAK RF INPUT POWER
1% BER
IF BANDWIDTH = 280MHz
RSSI vs. RF INPUT POWER
RF INPUT POWER (dBm)
-20
-40
-60
-80
-100
-120
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1.0
-140
0
IF BANDWIDTH = 280kHz
VAGCDIS = 0V
VAGCDIS = VDD
RSSI AND DELTA
vs. IF INPUT POWER
MAX1473 toc06
IF INPUT POWER (dBm)
-10
-30
-50
-70
1.2
1.4
1.6
1.8
2.0
2.2
2.4
1.0
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
-3.5
-90
10
DELTA
RSSI
SYSTEM GAIN vs. FREQUENCY
IF FREQUENCY (MHz)
25
20
15
10
5
-20
-10
0
10
20
30
-30
030
UPPER
SIDEBAND
LOWER
SIDEBAND
FROM RFIN TO
MIXOUT
fRF = 315MHz
50dB IMAGE
REJECTION
IMAGE REJECTION
vs. RF FREQUENCY
RF FREQUENCY (MHz)
430
380
330
35
40
45
50
55
30
280
480
fRF = 433MHz
fRF = 375MHz
fRF = 315MHz
IMAGE REJECTION
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
41
42
42
43
43
44
44
45
45
41
-40
85
fRF = 315MHz
fRF = 375MHz
fRF = 433MHz


Similar Part No. - MAX1473_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1473 MAXIM-MAX1473_1 Datasheet
293Kb / 6P
   Evaluation Kit
Rev 1; 5/05
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
More results

Similar Description - MAX1473_11

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1473 MAXIM-MAX1473 Datasheet
415Kb / 17P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 3; 11/03
MAX1473 MAXIM-MAX1473_12 Datasheet
217Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
Rev 6; 1/12
MAX1473 MAXIM-MAX1473_V01 Datasheet
1Mb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with Extended Dynamic Range
2019
MAX7033 MAXIM-MAX7033_11 Datasheet
214Kb / 15P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 2; 1/11
MAX7033 MAXIM-MAX7033_V01 Datasheet
908Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
2014
MAX7033 MAXIM-MAX7033 Datasheet
849Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 1; 7/04
MAX7033_1109 MAXIM-MAX7033_1109 Datasheet
409Kb / 16P
   315MHz/433MHz ASK Superheterodyne Receiver with AGC Lock
Rev 3; 9/11
MAX7034_1206 MAXIM-MAX7034_1206 Datasheet
283Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 3; 6/12
MAX7036 MAXIM-MAX7036_V01 Datasheet
700Kb / 13P
   315MHz/434MHz ASK Superheterodyne Receiver
2016
MAX7034 MAXIM-MAX7034_09 Datasheet
172Kb / 14P
   315MHz/434MHz ASK Superheterodyne Receiver
Rev 1; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com