Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74775M Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # LC74775M
Description  On-Screen Display Controller IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74775M Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button LC74775M Datasheet HTML 6Page - Sanyo Semicon Device LC74775M Datasheet HTML 7Page - Sanyo Semicon Device LC74775M Datasheet HTML 8Page - Sanyo Semicon Device LC74775M Datasheet HTML 9Page - Sanyo Semicon Device LC74775M Datasheet HTML 10Page - Sanyo Semicon Device LC74775M Datasheet HTML 11Page - Sanyo Semicon Device LC74775M Datasheet HTML 12Page - Sanyo Semicon Device LC74775M Datasheet HTML 13Page - Sanyo Semicon Device LC74775M Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
COMMAND0 (Display memory write address setup command)
No. 5919-10/35
LC74775, 74775M
DA 0 to 7
Register
Contents
Notes
State
Function
7
1
6
0
Command 0 identification code.
5
0
Display memory write address setup.
4
0
3
V3
0
1
2
V2
0
1
Display memory line address (0 to B hexadecimal)
1
V1
0
1
0
V0
0
1
• First byte
DA 0 to 7
Register
Contents
Notes
State
Function
7
0
Second byte identification bit
6
0
5
0
4
H4
0
1
3
H3
0
1
2
H2
0
Display memory column address (0 to 17 hexadecimal)
1
1
H1
0
1
0
H0
0
1
• Second byte
Note: All registers are set to 0 when the LC74775/M is reset by the RST pin.
DA 0 to 7
Register
Contents
Notes
State
Function
7
1
When this command is input, the LC74775/M
6
0
Command 1 identification code.
locks in the display character data write mode
5
0
Display character data write mode setup.
until the CS pin goes high.
4
1
3
0
2
0
1
0
0
0
• First byte
COMMAND1 (Display character data write setup command)


Similar Part No. - LC74775M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74770 SANYO-LC74770 Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
193Kb / 17P
   Camcorder On-Screen Display LSI
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
More results

Similar Description - LC74775M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74776 SANYO-LC74776 Datasheet
253Kb / 35P
   On-Screen Display Controller IC
LC74799 SANYO-LC74799 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74798 SANYO-LC74798 Datasheet
271Kb / 32P
   On-Screen Display Controller IC
LC74736PT SANYO-LC74736PT Datasheet
410Kb / 106P
   CMOS IC On-Screen Display Controller
LC74760 SANYO-LC74760 Datasheet
178Kb / 14P
   On-Screen Display IC
logo
Rohm
BU2993FV ROHM-BU2993FV Datasheet
96Kb / 3P
   On Screen Display IC
logo
Fujitsu Component Limit...
MB90050 FUJITSU-MB90050 Datasheet
743Kb / 41P
   On-Screen Display Controller
logo
Sanyo Semicon Device
LC74731W SANYO-LC74731W_11 Datasheet
154Kb / 38P
   On-Screen Display Controller
logo
ON Semiconductor
LC74736PT-E ONSEMI-LC74736PT-E Datasheet
420Kb / 106P
   On-Screen Display Controller
July, 2013
logo
Fujitsu Component Limit...
MB90097 FUJITSU-MB90097 Datasheet
928Kb / 63P
   ON-Screen Display Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com