Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBVW033A0B541Z Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # QBVW033A0B541Z
Description  QBVW033A0B Series Power Modules; DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B541Z Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button QBVW033A0B541Z Datasheet HTML 6Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 9Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 10Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 11Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 12Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 13Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Preliminary Data Sheet
January 21, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
10
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 21. Output Current Derating for the Base
plate QBVW033A0B-H with 1.0” heatsink in the
Transverse Orientation; Airflow Direction from
Vin(+) to Vin(-); Vin = 48V.
Layout Considerations
The QBVW033 power module series are low profile in
order to be used in fine pitch system card
architectures. As such, component clearance
between the bottom of the power module and the
mounting board is limited. Avoid placing copper
areas on the outer layer directly underneath the
power module. Also avoid placing via interconnects
underneath the power module.
For additional layout guide-lines, refer to
FLTR100V10 Data Sheet.
Through-Hole Lead-Free Soldering
Information
The RoHS-compliant, Z version, through-hole
products use the SAC (Sn/Ag/Cu) Pb-free solder and
RoHS-compliant components. The module is
designed to be processed through single or dual wave
soldering machines. The pins have a RoHS-
compliant, pure tin finish that is compatible with both
Pb and Pb-free wave soldering processes. A
maximum preheat rate of 3
C/s is suggested. The
wave preheat process should be such that the
temperature of the power module board is kept below
210
C. For Pb solder, the recommended pot
temperature is 260
C, while the Pb-free solder pot is
270
C max.
Reflow Lead-Free Soldering
Information
The RoHS-compliant through-hole products can be
processed with TBD paste-through-hole Pb or Pb-free
reflow process.
Process details TB
If additional information is needed, please consult
with your Lineage Power representative for more
details.
Post Solder Cleaning and Drying
Considerations
Post solder cleaning is usually the final circuit-board
assembly process prior to electrical board testing. The
result of inadequate cleaning and drying can affect
both the reliability of a power module and the
testability of the finished circuit-board assembly. For
guidance on appropriate soldering, cleaning and
drying procedures, refer to Lineage Power Board
Mounted Power Modules: Soldering and Cleaning
Application Note (AP01-056EPS).
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 19. Output Current Derating for the Base
plate QBVW033A0B-H with 0.25” heatsink in the
Transverse Orientation; Airflow Direction from
Vin(+) to Vin(-); Vin = 48V.
LOCAL AMBIENT TEMPERATURE, TA (C)
Figure 20. Output Current Derating for the Base
plate QBVW033A0B-H with 0.5” heatsink in the
Transverse Orientation; Airflow Direction from
Vin(+) to Vin(-); Vin = 48V.


Similar Part No. - QBVW033A0B541Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B541Z LINEAGEPOWER-QBVW033A0B541Z Datasheet
1Mb / 18P
   QBVW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBVW033A0B541Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B_1109 LINEAGEPOWER-QBVW033A0B_1109 Datasheet
1Mb / 18P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com