Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QBVW033A0B541Z Datasheet(PDF) 7 Page - Lineage Power Corporation

Part # QBVW033A0B541Z
Description  QBVW033A0B Series Power Modules; DC-DC Converters
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

QBVW033A0B541Z Datasheet(HTML) 7 Page - Lineage Power Corporation

Back Button QBVW033A0B541Z Datasheet HTML 3Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 4Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 5Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 6Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 7Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 8Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 9Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 10Page - Lineage Power Corporation QBVW033A0B541Z Datasheet HTML 11Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
Preliminary Data Sheet
January 21, 2011
QBVW033A0B Series Power Modules; DC-DC Converters
36-75Vdc Input; 12Vdc Output; 33A Output Current
LINEAGE POWER
7
Test Configurations
Note: Measure input reflected-ripple current with a simulated
source inductance (LTEST) of 12 µH. Capacitor CS offsets
possible battery impedance. Measure current as shown above.
Figure 11. Input Reflected Ripple Current Test Setup.
Note: Use a 1.0 µF ceramic capacitor and a 10 µF aluminum or
tantalum capacitor. Scope measurement should be made
using a BNC socket. Position the load between
51 mm and 76 mm (2 in. and 3 in.) from the module.
Figure 12. Output Ripple and Noise Test Setup.
Note: All measurements are taken at the module terminals. When
socketing, place Kelvin connections at module terminals to avoid
measurement errors due to socket contact resistance.
Figure 13. Output Voltage and Efficiency Test Setup.
Design Considerations
Input Source Impedance
The power module should be connected to a low
ac-impedance source. Highly inductive source impedance
can affect the stability of the power module. For the test
configuration in Figure 11, a 100μF electrolytic capacitor,
Cin, (ESR<0.7 at 100kHz), mounted close to the power
module helps ensure the stability of the unit.
Safety Considerations
For safety-agency approval of the system in which the
power module is used, the power module must be installed
in compliance with the spacing and separation
requirements of the end-use safety agency standard, i.e.,
UL60950-1, CSA C22.2 No. 60950-1, and VDEEN60950-1.
If the input source is non-SELV (ELV or a hazardous
voltage greater than 60 Vdc and less than or equal to
75Vdc), for the module’s output to be considered as
meeting the requirements for safety extra-low voltage
(SELV), all of the following must be true:
The input source is to be provided with reinforced
insulation from any other hazardous voltages,
including the ac mains.
One VIN pin and one VOUT pin are to be grounded, or
both the input and output pins are to be kept floating.
The input pins of the module are not operator
accessible.
Another SELV reliability test is conducted on the whole
system (combination of supply source and subject
module), as required by the safety agencies, to verify
that under a single fault, hazardous voltages do not
appear at the module’s output.
Note:
Do not ground either of the input pins of the module
without grounding one of the output pins. This may
allow a non-SELV voltage to appear between the
output pins and ground.
The power module has safety extra-low voltage (SELV)
outputs when all inputs are SELV.
The input to these units is to be provided with a maximum
30 A fast-acting (or time-delay) fuse in the ungrounded
input lead.
The optional heat-plate is considered floating mid-point
from a spacing perspective between input and output.
LOAD
CONTACT AND
SUPPLY
II
CONTACT
VI(+)
VI(–)
VO1
DISTRIBUTION LOSSES
RESISTANCE
IO
VO2


Similar Part No. - QBVW033A0B541Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B541Z LINEAGEPOWER-QBVW033A0B541Z Datasheet
1Mb / 18P
   QBVW033A0B Series Power Modules; DC-DC Converters
More results

Similar Description - QBVW033A0B541Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QBVW033A0B_1109 LINEAGEPOWER-QBVW033A0B_1109 Datasheet
1Mb / 18P
   QBVW033A0B Series Power Modules; DC-DC Converters
QBDW033A0B41Z LINEAGEPOWER-QBDW033A0B41Z Datasheet
774Kb / 17P
   QBDW033A0B Series Power Modules; DC-DC Converters
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
List of Unclassifed Man...
FC020 ETC1-FC020 Datasheet
892Kb / 15P
   FC020-SERIES POWER MODULES : DC-DC CONVERTERS ; 28 VDC INPUT, 20W
logo
Delta Electronics, Inc.
HA1SV12004 DELTA-HA1SV12004 Datasheet
893Kb / 11P
   50W DC/DC Power Modules
Q48SC12042 DELTA-Q48SC12042 Datasheet
1Mb / 26P
   500W DC/DC Power Modules
Q48SK12448NNFB DELTA-Q48SK12448NNFB Datasheet
761Kb / 10P
   600W DC/DC Power Modules
E48SC12030 DELTA-E48SC12030 Datasheet
1Mb / 27P
   360W DC/DC Power Modules
E48SD12020 DELTA-E48SD12020_14 Datasheet
935Kb / 28P
   240W DC/DC Power Modules
logo
Lineage Power Corporati...
KSTW002A5B LINEAGEPOWER-KSTW002A5B Datasheet
1Mb / 16P
   DC-DC Converter Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com