Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL32475EIBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL32475EIBZ
Description  Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32475EIBZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL32475EIBZ Datasheet HTML 1Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 2Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 3Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 4Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 5Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 6Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 7Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 8Page - Intersil Corporation ISL32475EIBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
ISL32470E, ISL32472E, ISL32475E, ISL32478E
2
FN7784.0
January 21, 2011
TABLE 1. SUMMARY OF FEATURES
PART NUMBER
HALF/FULL
DUPLEX
DATA RATE
(Mbps)
SLEW-RATE
LIMITED?
EN PINS?
HOT
PLUG?
QUIESCENT ICC
(mA)
LOW POWER
SHDN?
PIN COUNT
ISL32470E
Full
0.25
Yes
Yes
Yes
2.3
Yes
14
ISL32472E
Half
0.25
Yes
Yes
Yes
2.3
Yes
8
ISL32475E
Half
1
Yes
Yes
Yes
2.3
Yes
8
ISL32478E
Half
15
No
Yes
Yes
2.3
Yes
8
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-Free)
PKG.
DWG. #
ISL32470EIBZ
ISL32470 EIBZ
-40 to +85
14 Ld SOIC
M14.15
ISL32472EIBZ
32472 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32475EIBZ
32475 EIBZ
-40 to +85
8 Ld SOIC
M8.15
ISL32478EIBZ
32478 EIBZ
-40 to +85
8 Ld SOIC
M8.15
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information pages for ISL32470E, ISL32472E, ISL32475E, ISL32478E. For more information on
MSL please see techbrief TB363.
Pin Configurations
ISL32472E, ISL32475E, ISL32478E
(8 LD SOIC)
TOP VIEW
ISL32470E
(14 LD SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
NC
RO
RE
DE
DI
GND
GND
VCC
NC
A
B
Z
Y
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
D
R


Similar Part No. - ISL32475EIBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL32475EIBZ RENESAS-ISL32475EIBZ Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results

Similar Description - ISL32475EIBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL31470E INTERSIL-ISL31470E_10 Datasheet
570Kb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL31470E RENESAS-ISL31470E Datasheet
1Mb / 21P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
logo
Intersil Corporation
ISL32483E INTERSIL-ISL32483E Datasheet
838Kb / 17P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1785 TI-SN65HVD1785_10 Datasheet
656Kb / 24P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1785_101 TI-SN65HVD1785_101 Datasheet
768Kb / 26P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
SN65HVD1792-EP TI1-SN65HVD1792-EP Datasheet
869Kb / 20P
[Old version datasheet]   Fault-Protected RS-485 Transceivers With Extended Common-Mode Range
logo
Intersil Corporation
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL31480E INTERSIL-ISL31480E_10 Datasheet
793Kb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
ISL31480E INTERSIL-ISL31480E_11 Datasheet
1Mb / 24P
   Fault Protected, Extended CMR, RS-485/RS-422 Transceivers with Cable Invert
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com