Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSR050A0X432Z Datasheet(PDF) 6 Page - Lineage Power Corporation

Part # NSR050A0X432Z
Description  Naos Raptor 50A: Non-Isolated Power Modules
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NSR050A0X432Z Datasheet(HTML) 6 Page - Lineage Power Corporation

Back Button NSR050A0X432Z Datasheet HTML 2Page - Lineage Power Corporation NSR050A0X432Z Datasheet HTML 3Page - Lineage Power Corporation NSR050A0X432Z Datasheet HTML 4Page - Lineage Power Corporation NSR050A0X432Z Datasheet HTML 5Page - Lineage Power Corporation NSR050A0X432Z Datasheet HTML 6Page - Lineage Power Corporation NSR050A0X432Z Datasheet HTML 7Page - Lineage Power Corporation NSR050A0X432Z Datasheet HTML 8Page - Lineage Power Corporation NSR050A0X432Z Datasheet HTML 9Page - Lineage Power Corporation NSR050A0X432Z Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Data Sheet
February 3, 2010
Naos Raptor 50A: Non Isolated Power Module:
5 – 14Vdc input; 0.6Vdc to 2.0Vdc Output; 50A output current
LINEAGE POWER
6
Characteristic Curves (continued)
The following figures provide typical characteristics for the Naos Raptor 50A module at 1.2Vout and at 25ºC.
70
75
80
85
90
95
0
10203040
50
Vin = 5V
Vin = 14V
Vin = 12V
10
20
30
40
50
60
25
30
35
40
45
50
55
60
65
70
2m/s
(400LFM)
NC
0.5m/s
(100LFM)
1.5m/s
(300LFM)
1m/s
(200LFM)
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 7. Converter Efficiency versus Output Current.
Figure 8. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (40
μs /div)
Figure 9. Typical output ripple and noise (VIN = 12V, Io =
Io,max).
Figure 10. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=12V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 11. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 12. Typical Start-up Using Input Voltage (VIN =
12V, Io = Io,max).


Similar Part No. - NSR050A0X432Z

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
NSR0520 PANJIT-NSR0520 Datasheet
152Kb / 4P
   SCHOTTKY BARRIER DIODE
logo
ON Semiconductor
NSR0520V2 ONSEMI-NSR0520V2 Datasheet
53Kb / 4P
   Schottky Barrier Diode
October, 2014 ??Rev. 4
NSR0520V2 ONSEMI-NSR0520V2 Datasheet
121Kb / 5P
   Schottky Barrier Diode
August, 2018 - Rev. 5
NSR0520V2T1G ONSEMI-NSR0520V2T1G Datasheet
112Kb / 4P
   Schottky Barrier Diode
July, 2008 ??Rev. 1
NSR0520V2T1G ONSEMI-NSR0520V2T1G Datasheet
53Kb / 4P
   Schottky Barrier Diode
October, 2014 ??Rev. 4
More results

Similar Description - NSR050A0X432Z

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
NSR040A0X LINEAGEPOWER-NSR040A0X_11 Datasheet
497Kb / 18P
   Naos Raptor 40A Non-Isolated Power Modules
NSR060A0X LINEAGEPOWER-NSR060A0X_10 Datasheet
771Kb / 18P
   Naos Raptor 60A: Non-Isolated Power Modules
NSR010A0X LINEAGEPOWER-NSR010A0X_10 Datasheet
484Kb / 20P
   Naos Raptor 10A: Non-Isolated DC-DC Power Modules
NSR003A0X LINEAGEPOWER-NSR003A0X_10 Datasheet
482Kb / 20P
   Naos Raptor 3A: Non-Isolated DC-DC Power Modules
NSR006A0X LINEAGEPOWER-NSR006A0X_10 Datasheet
468Kb / 20P
   Naos Raptor 6A: Non-Isolated DC-DC Power Modules
APTS050A0X LINEAGEPOWER-APTS050A0X Datasheet
610Kb / 20P
   GigaTLynxTM Non-isolated Power Modules
APTS050A0X3 LINEAGEPOWER-APTS050A0X3 Datasheet
637Kb / 21P
   GigaTLynxTM Non-isolated Power Modules: 4.5Vdc ??14Vdc input; 0.7Vdc to 2Vdc, 50A Output
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
NXA025A0X LINEAGEPOWER-NXA025A0X Datasheet
953Kb / 16P
   NaOSTM NXA025 SIP Non-isolated Power Modules
logo
Delta Electronics, Inc.
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com