Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J85480S1L13 Datasheet(PDF) 4 Page - Lineage Power Corporation

Part # J85480S1L13
Description  Compact Power Line Shelves
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

J85480S1L13 Datasheet(HTML) 4 Page - Lineage Power Corporation

  J85480S1L13 Datasheet HTML 1Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 2Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 3Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 4Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 5Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 6Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 7Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 8Page - Lineage Power Corporation J85480S1L13 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4 of 10
COMPACT POWER LINE SHELVES – MODEL J85480S1
Rectifier
or
PEM
Feeder-A
Feeder-B
AC or DC Input
Feeds
Bus A
Output
Bus B
Output
Two DC Output
Busses
DC Output Connections
Each Output Bus is rated for
100A and up to 2 gage two-
hole lugs.
M6 nuts with conical washers
provided.
Touch-Safe plastic covers
around output buses.
Torque to 50 in-lb
(5.7 nm)
Torque to 50 in-lb
(5.7 nm)
DC Split Output Bus Option
Split Vout ( - ) buses on either
side of the shelf. Vout ( + ) is
common to both sections.
+5V bias maintains I
2C
communications even during
a feeder fault.
Multiple shelves may not be
paralleled together.
Controllerless Operation
Lists 4 and 6 ship with a jumper
installed on connector J1 pins 21 and
23. This allows the shelf to be powered
without a controller. Remove this
jumper if controller cable installed.
CP843A controller ships with a
connector that plugs into J1 on a List 1
shelf activating the controller.
Lists 7, 9 and 14 require cc848836107
connector be installed in J1 to allow the
shelf to power up without a controller.
L7, L9, L14 P1 Mating connector (pin out is standard 40 position like L4)
Type
Housing
Mating pin
Crimping tool
Individual wire set
AMP 102387-9 RoHS
20-24 awg: 6-87523-9
91517-1
22-26 awg: 6-87756-8
91517-1
40 position Ribbon cable
AMP 1658621-9 e/w 499252-1 (strain relief) RoHS
This connector set is different because it can accept either a ribbon cable or an individual wire mate.


Similar Part No. - J85480S1L13

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
J850 CIT-J850 Datasheet
119Kb / 2P
   Monostable
J8502CS12VDC CIT-J8502CS12VDC Datasheet
183Kb / 2P
   CIT SWITCH
J8502CS12VDC CIT-J8502CS12VDC Datasheet
119Kb / 2P
   Monostable
J8502CS24VDC CIT-J8502CS24VDC Datasheet
183Kb / 2P
   CIT SWITCH
J8502CS24VDC CIT-J8502CS24VDC Datasheet
119Kb / 2P
   Monostable
More results

Similar Description - J85480S1L13

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AFS2400 ARTESYN-AFS2400 Datasheet
246Kb / 3P
   Rack Mountable Power Shelves
AFS4000 ARTESYN-AFS4000 Datasheet
287Kb / 3P
   Rack Mountable Power Shelves
logo
Kendall Howard
1907-3-001-03 KENDALLHOWARD-1907-3-001-03 Datasheet
508Kb / 1P
   CENTERLINE SHELVES
LDRS1U12V KENDALLHOWARD-LDRS1U12V Datasheet
224Kb / 2P
   LIGHT DUTY RACK SHELVES
LDRS1U6V KENDALLHOWARD-LDRS1U6V Datasheet
156Kb / 2P
   LIGHT DUTY RACK SHELVES
logo
Lineage Power Corporati...
CP2725AC54Z LINEAGEPOWER-CP2725AC54Z Datasheet
278Kb / 8P
   Compact Power Line Front-End Power Supply
logo
Power-One
FNP1500 POWER-ONE-FNP1500_10 Datasheet
505Kb / 17P
   Front-Ends & FNR-3 Power Shelves Data Sheet
logo
Tyco Electronics
3ERK1 MACOM-3ERK1 Datasheet
205Kb / 3P
   High Performance Compact Power Line Filter
logo
Kendall Howard
1906-1-001-01 KENDALLHOWARD-1906-1-001-01 Datasheet
1Mb / 2P
   HEAVY DUTY COMPONENT SHELVES
3000-1-003-02 KENDALLHOWARD-3000-1-003-02 Datasheet
927Kb / 2P
   LIGHT DUTY COMPONENT SHELVES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com