Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NH033 Datasheet(PDF) 3 Page - Lineage Power Corporation

Part # NH033
Description  Power Modules 5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

NH033 Datasheet(HTML) 3 Page - Lineage Power Corporation

  NH033 Datasheet HTML 1Page - Lineage Power Corporation NH033 Datasheet HTML 2Page - Lineage Power Corporation NH033 Datasheet HTML 3Page - Lineage Power Corporation NH033 Datasheet HTML 4Page - Lineage Power Corporation NH033 Datasheet HTML 5Page - Lineage Power Corporation NH033 Datasheet HTML 6Page - Lineage Power Corporation NH033 Datasheet HTML 7Page - Lineage Power Corporation NH033 Datasheet HTML 8Page - Lineage Power Corporation NH033 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
NH033x-L and NH050x-L Series Power Modules:
March 2010
5 Vdc Input; 1.2 Vdc to 3.3 Vdc Output; 10 A and 15 A
Lineage Power
3
Electrical Specifications (continued)
Table 2. Output Specifications
Parameter
Device
Symbol
Min
Typ
Max
Unit
Output Voltage Set Point
(VI = 5.0 V; IO = IO, max; TA = 25 °C)
NH0xxM-L
NH0xxS1R8-L
NH0xxG-L
NH0xxF-L
VO, set
VO, set
VO, set
VO, set
1.45
1.74
2.42
3.18
1.5
1.8
2.5
3.3
1.55
1.86
2.58
3.39
Vdc
Vdc
Vdc
Vdc
Output Voltage
(Over all operating input voltage,
resistive load, and temperature
conditions until end of life; see
Figure 35.)
NH0xxM-L
NH0xxS1R8-L
NH0xxG-L
NH0xxF-L
VO
VO
VO
VO
1.43
1.71
2.40
3.16
1.58
1.89
2.60
3.44
Vdc
Vdc
Vdc
Vdc
Output Regulation:
Line (VI = 4.5 V to 5.5 V)
Load (IO = 0 to IO, max)
Temperature (TA = 0 °C to 50 °C)
All
All
All
0.1
0.1
0.3
0.3
17
%VO
%VO
mV
Output Ripple and Noise Voltage
(See Figure 34.):
RMS
Peak-to-peak (5 Hz to 20 MHz)
All
All
25
100
mVrms
mVp-p
External Load Capacitance
(See Design Considerations section.)
All
0
15,000
µF
Output Current
(See Derating Curves Figures 50 and
51.)
NH033x-L
NH050x-L
IO
IO
0
0
10.0
15.0
A
A
Output Current-limit Inception
(VO = 90% of VO, set; TQ32 = 80 °C;
see Feature Descriptions section.)
All
IO
103
200
%IO, max
Output Short-circuit Current
All
IO
—170
%IO, max
Efficiency
(VI = 5.0 V; IO = IO, max; TA = 25 °C;
see Figure 35.)
NH033M-L
NH033S1R8-L
NH033G-L
NH033F-L
NH050M-L
NH050S1R8-L
NH050G-L
NH050F-L
η
η
η
η
η
η
η
η
80
82
87
90
77
81
85
89
83
85
89
92
81
83
87
90.5
%
%
%
%
%
%
%
%
Switching Frequency
All
265
kHz
Dynamic Response
(
ΔIO/Δt = 1 A/10 µs, VI = 5.0 V,
TA = 25 °C):
Load Change from IO = 0% to 100% of
IO, max:
Peak Deviation
Settling Time (VO < 10% peak
deviation)
Load Change from IO = 100% to 0% of
IO, max:
Peak Deviation
Settling Time (VO < 10% peak
deviation)
All
All
All
All
20
200
20
200
mV
µs
mV
µs


Similar Part No. - NH033

ManufacturerPart #DatasheetDescription
logo
A-Data Technology
NH03 A-DATA-NH03 Datasheet
501Kb / 1P
   NH03 External Hard Drive
More results

Similar Description - NH033

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
QW020A0P1 LINEAGEPOWER-QW020A0P1 Datasheet
425Kb / 24P
   36 Vdc to 75 Vdc Input; 1.2 Vdc to 5.0 Vdc Output; 10 A to 20 A
logo
Bel Fuse Inc.
SSQE48T10033 BEL-SSQE48T10033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 10 A Output
logo
Lineage Power Corporati...
QRW025A0P1 LINEAGEPOWER-QRW025A0P1 Datasheet
805Kb / 27P
   36 Vdc - 75 Vdc Input, 1.2 to 3.3 Vdc Output; 25A
AXH010A0S0R9 LINEAGEPOWER-AXH010A0S0R9 Datasheet
194Kb / 15P
   3.0Vdc-5.5Vdc Input, 0.9 Vdc - 3.3 Vdc Output, 10 A
logo
Bel Fuse Inc.
SSQE48T15033 BEL-SSQE48T15033 Datasheet
1Mb / 13P
   36-75 VDC Input; 3.3 VDC @ 15 A, 50 W Output
SQE48T50012 BEL-SQE48T50012 Datasheet
1Mb / 13P
   36-75 VDC Input; 1.2 VDC @ 50 A Output
0RCY-D4T03X BEL-0RCY-D4T03X Datasheet
920Kb / 18P
   40-60 VDC Input / 3.3 VDC @ 60 A Output
logo
Lineage Power Corporati...
HW012A0P1 LINEAGEPOWER-HW012A0P1 Datasheet
516Kb / 23P
   36-75 Vdc Input; 1.2 Vdc to 5 Vdc Output; 6.6A to 12A
NH020 LINEAGEPOWER-NH020 Datasheet
1Mb / 17P
   Power SIPs 5 Vdc Input; 1.5 Vdc to 3.3 Vdc Output; 20 W
QRW040A0S1R01 LINEAGEPOWER-QRW040A0S1R01 Datasheet
961Kb / 36P
   36 Vdc - 75 Vdc Input, 1.0 to 12 Vdc Output; 10 A to 40 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com