Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL76683 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL76683
Description  Light-to-Digital Output Sensor with Gain Selection, Interrupt Function
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL76683 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL76683 Datasheet HTML 7Page - Intersil Corporation ISL76683 Datasheet HTML 8Page - Intersil Corporation ISL76683 Datasheet HTML 9Page - Intersil Corporation ISL76683 Datasheet HTML 10Page - Intersil Corporation ISL76683 Datasheet HTML 11Page - Intersil Corporation ISL76683 Datasheet HTML 12Page - Intersil Corporation ISL76683 Datasheet HTML 13Page - Intersil Corporation ISL76683 Datasheet HTML 14Page - Intersil Corporation ISL76683 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
ISL76683
11
FN7697.1
January 31, 2011
Gain/Range, Range (k)
The Gain/Range can be programmed in the control register to
give Range (k) determining the FSR. Note that Range(k) is not
the FSR (see Equation 3). Range(k) provides four constants
depending on programmed k that will be scaled by REXT (see
Table 9). Unlike REXT, Range(k) dynamically adjusts the FSR. This
function is especially useful when light conditions are varying
drastically while maintaining excellent resolution.
Number of Clock Cycles, n-bit ADC
The number of clock cycles determines “n” in the n-bit ADC; 2n clock
cycles is a n-bit ADC. n is programmable in the command register in
the width function. Depending on the application, a good balance of
speed and resolution has to be considered when deciding for n. For
fast and quick measurement, choose the smallest n = 4. For
maximum resolution without regard of time, choose n = 16.
Table 12 compares the trade-off between integration time and
resolution. See Equations 10 and 11 for the relation between
integration time and n. See Equation 3 for the relation of n and
resolution.
External Scaling Resistor REXT and fosc
The ISL76683 uses an external resistor REXT to fix its internal
oscillator frequency, fOSC. Consequently, REXT determines the
fOSC, integration time and the FSR of the device. fOSC, a dual
speed mode oscillator, is inversely proportional to REXT. For user
simplicity, the proportionality constant is referenced to fixed
constants 100k
Ω and 655kHz:
fOSC1 is oscillator frequency when Range1 or Range2 are set.
This is nominally 327kHz when REXT is 100kΩ.
fOSC2 is the oscillator frequency when Range3 or Range4 are
set. This is nominally 655kHz when REXT is 100kΩ.
When the Range/Gain bits are set to Range1 or Range2, fOSC
runs at half speed compared to when Range/Gain bits are set to
Range3 and Range4.
The automatic fOSC adjustment feature allows significant
improvement of signal-to-noise ratio when detecting very low lux
signals.
Integration Time or Conversion Time
Integration time is the period during which the device’s analog-
to-digital ADC converter samples the photodiode current signal
for a lux measurement. Integration time, in other words, is the
time to complete the conversion of analog photodiode current
into a digital signal (number of counts).
Integration time affects the measurement resolution. For better
resolution, use a longer integration time. For short and fast
conversions use a shorter integration time.
The ISL76683 offers user flexibility in the integration time to
balance resolution, speed and noise rejection. Integration time can
be set internally or externally and can be programmed in the
command register 00(hex) bit 5.
INTEGRATION TIME IN INTERNAL TIMING MODE
This timing mode is programmed in the command register
00(hex) bit 5. Most applications will be using this timing mode.
When using the Internal Timing Mode, fOSC and n-bits resolution
determine the integration time. tint is a function of the number of
clock cycles and fOSC.
n = 4, 8, 12, and 16. n is the number of bits of resolution.
Therefore, 2n is the number of clock cycles. n can be programmed
at the command register 00(hex) bits 1 and 0.
Since fOSC is dual speed depending on the Gain/Range bit, tint is
dual time. The integration time as a function of REXT and n is:
tint1 is the integration time when the device is configured for
Internal Timing Mode and Gain/Range is set to Range1 or
Range2.
tint2 is the integration time when the device is configured for
Internal Timing Mode and Gain/Range is set to Range3 or
Range4.
TABLE 12. RESOLUTION AND INTEGRATION TIME SELECTION
n
RANGE1
fOSC = 327kHz
RANGE4
fOSC = 655kHz
tINT (ms)
RESOLUTION
LUX/COUNT
tINT (ms)
RESOLUTION
(LUX/COUNT)
16
200
0.01
100
1
12
12.8
0.24
6.4
16
8
0.8
3.90
0.4
250
4
0.05
62.5
0.025
4000
REXT = 100kΩ
(EQ. 6)
fosc1
1
2
---
100k
Ω
REXT
-------------------
655
×
kHz
×
=
(EQ. 7)
fosc2
100k
Ω
REXT
-------------------
655
×
kHz
=
(EQ. 8)
fOSC1
1
2
---
fOSC2
()
=
TABLE 13. INTEGRATION TIMES FOR TYPICAL REXT VALUES
REXT
(k
Ω)
RANGE1
RANGE2
RANGE3
RANGE4
n = 16-BIT
n = 12-BIT
n = 12-BIT
n = 4
50
100
6.4
3.2
0.013
100**
200
13
6.5
0.025
200
400
26
13
0.050
500
1000
64
32
0.125
*Integration time in milliseconds
**Recommended REXT resistor value
tint
2
n
1
fosc
----------
×
=
(EQ. 9)
for Internal Timing Mode only
tint12
n
REXT
327kHz 100k
Ω
×
-----------------------------------------------
×
=
(EQ. 10)
tint22
n
REXT
655kHz 100k
Ω
×
-----------------------------------------------
×
=
(EQ. 11)


Similar Part No. - ISL76683

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
ISL76683 RENESAS-ISL76683 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683 INTERSIL-ISL76683 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
594Kb / 17P
   Light-to-Digital Output Sensor
More results

Similar Description - ISL76683

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683_V01 Datasheet
950Kb / 11P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and
May 21, 2021
logo
Intersil Corporation
ISL76683AROZ-T7 INTERSIL-ISL76683AROZ-T7 Datasheet
480Kb / 17P
   Light-to-Digital Output Sensor with Gain Selection,Interrupt Function and I2C Interface
March 24, 2014
logo
Renesas Technology Corp
ISL76683 RENESAS-ISL76683 Datasheet
850Kb / 18P
   Light-to-Digital Output Sensor with Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29004 INTERSIL-ISL29004 Datasheet
293Kb / 17P
   Light-to-Digital Output Sensor with Address Selection, High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29013 INTERSIL-ISL29013 Datasheet
537Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Renesas Technology Corp
ISL29013 RENESAS-ISL29013 Datasheet
868Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
logo
Intersil Corporation
ISL29003 INTERSIL-ISL29003 Datasheet
270Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
ISL29012 INTERSIL-ISL29012 Datasheet
587Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Bus?
ISL29003IROZ INTERSIL-ISL29003IROZ Datasheet
374Kb / 14P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
November 17, 2011
ISL29003 INTERSIL-ISL29003_07 Datasheet
258Kb / 15P
   Light-to-Digital Output Sensor with High Sensitivity, Gain Selection, Interrupt Function and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com