Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP2000DC54 Datasheet(PDF) 5 Page - Lineage Power Corporation

Part # CP2000DC54
Description  Compact Power Line Input: -40 to -72 Vdc; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CP2000DC54 Datasheet(HTML) 5 Page - Lineage Power Corporation

  CP2000DC54 Datasheet HTML 1Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 2Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 3Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 4Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 5Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 6Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 7Page - Lineage Power Corporation CP2000DC54 Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data Sheet
Compact Power Line
CP2000DC54-PE DC/DC Converter
Lineage Power
5
Status and Control
The PEM provides two means for monitor/control:
analog or I
2C.
Details of analog controls are provided in this data
sheet under Signal Definitions. Lineage Power will
provide separate application notes on the I
2C
protocol for users to interface to the CPL PEMs.
Contact your local Lineage Power representative
for details.
Hot Plug
When rapidly extracting and reinserting modules
care should be taken to allow for discharging the
internal bias supply so that a predictable restart
could be achieved. The way to ensure that the
circuit sufficiently discharges is to observe the
spinning of the fans after an extraction. The unit
should not be reinserted until the fans stop
spinning.
Without bleeding down internal bias the module
may remember its last assigned address and may
not configure itself properly if reinserted into
another slot.
Control Definitions
All signals are referenced to Logic_GRD unless
otherwise noted. See the Signal Definitions Table
at the end of this document for further description
of all the signals.
Input Signals
Margining:
Set point of the PEM can be changed
via this input pin. Programming can be either a
voltage source or a resistance divider. The
margining pin is connected to 3.3Vdc via a 10kΩ
resistor inside the PEM. See graphs below.
-58
-46
0.1
3.3Vdc
Vcontrol
-44
0
An open circuit on this pin reverts the voltage level
back to the original setting.
Software commanded margining overrides the
hardware set point indefinitely or until the default
setting is reinstated for example if input power and
bias power have been removed from the module.
Module Present Signal:
The power supply alerts
the system when it is properly plugged in via a
500Ω resistor in series between this signal and
Logic GRD.
Protocol Select:
This pin must remain a no-
connect. Do not connect to either output or
Logic_GRD.
Enable:
On/Off control when I
2C communications
are utilized as configured by the Protocol pin. This
pin must be pulled low to turn ON the power
supply. The power supply will turn OFF if either the
Enable
or the ON/OFF pin is released. This signal
is referenced to Logic_GRD.
ON/OFF:
This is a short pin utilized for hot-plug
applications to ensure that the power supply turns
OFF
before the power pins are disengaged. It also
ensures that the power supply turns ON only after
the power pins have been engaged. Must be
connected to V_OUT (-DC).
Output Signals
Power_OK:
This signal is HI when the main output
is present and goes LO when the main output is not
present.
I_limit:
This signal is HI when the main output is
not in current limit and goes LO when current limit
has activated.
Alert #:
I
2C interrupt signal.
Fault:
This signal goes LO for any failure that
requires PEM replacement. Some of these faults
may be due to:
Fan failure
Over-temperature condition
Over-temperature shutdown
Over-voltage shutdown
Internal PEM Fault


Similar Part No. - CP2000DC54

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000DC54PEZ LINEAGEPOWER-CP2000DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
More results

Similar Description - CP2000DC54

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
CP2000AC54SD LINEAGEPOWER-CP2000AC54SD Datasheet
273Kb / 8P
   Compact Power Line Input: 200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000AC54PE LINEAGEPOWER-CP2000AC54PE Datasheet
267Kb / 8P
   Compact Power Line Input: 100-120/200-240 Vac; Outputs: 짹54 Vdc at 2000W; 5 Vdc at 4W
CP2000DC54PEZ LINEAGEPOWER-CP2000DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2000W; 5 Vdc @ 4W
CP2500DC54PEZ LINEAGEPOWER-CP2500DC54PEZ Datasheet
310Kb / 15P
   Input: -40 to -72Vdc; Outputs: 짹54 Vdc @ 2500W; 5 Vdc @ 4W
logo
Bel Fuse Inc.
TET2200-12-086XD BEL-TET2200-12-086XD Datasheet
1Mb / 27P
   Wide input voltage range: -40 to -72 VDC
logo
Lineage Power Corporati...
JBW030F LINEAGEPOWER-JBW030F Datasheet
298Kb / 16P
   36-75 Vdc Input; 3.3 Vdc and 5 Vdc Outputs; 30 W
logo
MicroPower Direct, LLC
MDCFM-40U MPD-MDCFM-40U Datasheet
842Kb / 4P
   40 to 110 VDC Input
MDCFM-01A MPD-MDCFM-01A Datasheet
493Kb / 2P
   0 to 40 VDC Input
logo
WAGO Kontakttechnik Gmb...
787-1015-072-000 WAGO-787-1015-072-000 Datasheet
294Kb / 6P
   DC/DC Converter; Compact; 72 VDC input voltage; 12 VDC output voltage
787-1014-072-000 WAGO-787-1014-072-000 Datasheet
283Kb / 7P
   DC/DC Converter; Compact; 72 VDC input voltage; 24 VDC output voltage;
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com