Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT78L15 Datasheet(PDF) 5 Page - Weitron Technology

Part # WT78L15
Description  Positive Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT78L15 Datasheet(HTML) 5 Page - Weitron Technology

  WT78L15 Datasheet HTML 1Page - Weitron Technology WT78L15 Datasheet HTML 2Page - Weitron Technology WT78L15 Datasheet HTML 3Page - Weitron Technology WT78L15 Datasheet HTML 4Page - Weitron Technology WT78L15 Datasheet HTML 5Page - Weitron Technology WT78L15 Datasheet HTML 6Page - Weitron Technology WT78L15 Datasheet HTML 7Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
WEITRON
http://www.weitron.com.tw
5/7
05-Nov-2010
Parameter
Symbol
Min
Typ
Max
Unit
V
Output Voltage
Tj=25°C
Line Regulation
O=1~100mA, Tj=25°C
O=1~40mA, Tj=25°C
WT78L18 (Refer to the test circuits, Tj=0~125°C, IO=40mA, Vin=26V, Cin=0.33µF, CO=0.1µF unless otherwise specified)
18
17.3
17.1
18.7
18.9
27
19
-
-
180
90
mV
Load Regulation
j=25°C
Quiescent Current
j=25°C
70
64
-
-
360
300
mV
VO
4.7
-
6.5
mA
IQ
Quiescent Current Change
-
-
-
-
1.5
0.1
mA
Q
Output Noise Voltage
89
-
-
µV
Vn
Dropout Voltage
1.7
-
-
V
VD
Ripple Rejection
j=0-125°C
36
32
-
dB
RR
20.5V<=V <=33V,
in
IO=1mA~40mA,Tj=0-125°C
IO =1mA~70mA, Tj=0~125°C
17.1
18
18
18.9
I
I
∆VO
20.5V<=V <=33V,
in
22V<=V <=33V,
in
∆VO
T
∆I
22V<=V <=33V,
in
Tj=0-125°C
1mA<=I O<=40mA,Tj =0-125°C
10Hz<=f<=100KHz, T =25°C
21.5V<=V <=31.5V,
in
T =25°C
WT78LXXG
j=25°C


Similar Part No. - WT78L15

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT78L15 WEITRON-WT78L15 Datasheet
900Kb / 7P
   Positive Voltage Regulator
WT78L15G WEITRON-WT78L15G Datasheet
1Mb / 10P
   Positive Voltage Regulator
WT78L15K WEITRON-WT78L15K Datasheet
1Mb / 10P
   Positive Voltage Regulator
WT78L15M WEITRON-WT78L15M Datasheet
1Mb / 10P
   Positive Voltage Regulator
More results

Similar Description - WT78L15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
   Positive Voltage Regulator
SU78XX-B SECOS-SU78XX-B_15 Datasheet
534Kb / 4P
   Positive Voltage Regulator
SJ78M09 SECOS-SJ78M09_15 Datasheet
85Kb / 2P
   Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
   Positive Voltage Regulator
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
   Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_18 Datasheet
409Kb / 15P
   POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
   Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
   Positive-Voltage Regulator
logo
Weitron Technology
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
   Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
   POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com