Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTS030A0X Datasheet(PDF) 10 Page - Lineage Power Corporation

Part # APTS030A0X
Description  12V Mega TLynxTM : Non-Isolated DC-DC Power Modules
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAGEPOWER [Lineage Power Corporation]
Direct Link  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTS030A0X Datasheet(HTML) 10 Page - Lineage Power Corporation

Back Button APTS030A0X Datasheet HTML 6Page - Lineage Power Corporation APTS030A0X Datasheet HTML 7Page - Lineage Power Corporation APTS030A0X Datasheet HTML 8Page - Lineage Power Corporation APTS030A0X Datasheet HTML 9Page - Lineage Power Corporation APTS030A0X Datasheet HTML 10Page - Lineage Power Corporation APTS030A0X Datasheet HTML 11Page - Lineage Power Corporation APTS030A0X Datasheet HTML 12Page - Lineage Power Corporation APTS030A0X Datasheet HTML 13Page - Lineage Power Corporation APTS030A0X Datasheet HTML 14Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Data Sheet
November 11, 2010
12V Mega TLynxTM: Non-Isolated DC-DC Power Modules:
6.0 – 14Vdc Input; 0.8Vdc to 3.63Vdc Output; 30A output current
LINEAGE POWER
10
Test Configurations
TO OSCILLOSCOPE
CURRENT PROBE
LTEST
1μH
CS
220μF
E.S.R.<0.1
Ω
@ 20°C 100kHz
Min
150μF
VIN(+)
COM
NOTE: Measure input reflected ripple current with a simulated
source inductance (LTEST) of 1μH. Capacitor CS offsets
possible battery impedance. Measure current as shown
above.
CIN
Figure 25. Input Reflected Ripple Current Test
Setup.
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
VO(+)
COM
1uF .
RESISTIVE
LOAD
SCOPE
COPPER STRIP
GROUND PLANE
10uF
Figure 26. Output Ripple and Noise Test Setup.
VO
COM
VIN(+)
COM
RLOAD
Rcontact
Rdistribution
Rcontact
Rdistribution
Rcontact
Rcontact
Rdistribution
Rdistribution
VIN
VO
NOTE: All voltage measurements to be taken at the module
terminals, as shown above. If sockets are used then
Kelvin connections are required at the module terminals
to avoid measurement errors due to socket contact
resistance.
Figure 27. Output Voltage and Efficiency Test
Setup.
η =
VO. IO
VIN. IIN
x 100 %
Efficiency
Design Considerations
The 12V Mega TLynx
TM module should be
connected to a low-impedance source. A highly
inductive source can affect the stability of the
module. An input capacitor must be placed directly
adjacent to the input pin of the module, to minimize
input ripple voltage and ensure module stability.
To minimize input voltage ripple, low-ESR ceramic
capacitors are recommended at the input of the
module. Figure 28 shows the input ripple voltage for
various output voltages at 30A of load current with
1x22 µF, 2x22 µF or 2x47 µF ceramic capacitors
and an input of 12V.
0
50
100
150
200
250
300
350
400
0.5
1
1.5
2
2.5
3
1x22uF
2x22uF
2x47uF
Output Voltage (Vdc)
Figure 28. Input ripple voltage for various
output voltages with 1x22 µF, 2x22 µF or 2x47
µF ceramic capacitors at the input (30A load).
Input voltage is 12V.
Output Filtering
The 12V Mega TLynx modules are designed for low
output ripple voltage and will meet the maximum
output ripple specification with no external
capacitors. However, additional output filtering may
be required by the system designer for a number of
reasons. First, there may be a need to further
reduce the output ripple and noise of the module.
Second, the dynamic response characteristics may
need to be customized to a particular load step
change.
To reduce the output ripple and improve the
dynamic response to a step load change, additional
capacitance at the output can be used. Low ESR
ceramic and polymer are recommended to improve
the dynamic response of the module. For stable
operation of the module, limit the capacitance to
less than the maximum output capacitance as
specified in the electrical specification table.
Optimal performance of the module can be
achieved by using the Tunable Loop feature
described later in this data sheet.


Similar Part No. - APTS030A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS003A0X-SRDZ LINEAGEPOWER-APTS003A0X-SRDZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
APTS003A0X-SRZ LINEAGEPOWER-APTS003A0X-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
APTS003A0X4-SRZ LINEAGEPOWER-APTS003A0X4-SRZ Datasheet
627Kb / 25P
   12V Pico TLynx 3A: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
   4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
More results

Similar Description - APTS030A0X

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
APTS012A0X LINEAGEPOWER-APTS012A0X_10 Datasheet
1Mb / 26P
   12V Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS006A0X-SRZ_0912 LINEAGEPOWER-APTS006A0X-SRZ_0912 Datasheet
826Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APXS002A0X LINEAGEPOWER-APXS002A0X Datasheet
945Kb / 25P
   12V Pico TLynxTM 2A: Non-Isolated DC-DC Power Modules
APTS006A0X LINEAGEPOWER-APTS006A0X_10 Datasheet
752Kb / 25P
   12V Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTH006A0X LINEAGEPOWER-APTH006A0X_11 Datasheet
578Kb / 23P
   Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
APTH003A0X LINEAGEPOWER-APTH003A0X_10 Datasheet
834Kb / 24P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
APXH003A0X-SRZ_0910 LINEAGEPOWER-APXH003A0X-SRZ_0910 Datasheet
771Kb / 23P
   Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com