Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5230DW Datasheet(PDF) 3 Page - Weitron Technology

Part # MUN5230DW
Description  Surface Mount Dual Bias Resistor Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5230DW Datasheet(HTML) 3 Page - Weitron Technology

  MUN5230DW Datasheet HTML 1Page - Weitron Technology MUN5230DW Datasheet HTML 2Page - Weitron Technology MUN5230DW Datasheet HTML 3Page - Weitron Technology MUN5230DW Datasheet HTML 4Page - Weitron Technology MUN5230DW Datasheet HTML 5Page - Weitron Technology MUN5230DW Datasheet HTML 6Page - Weitron Technology MUN5230DW Datasheet HTML 7Page - Weitron Technology MUN5230DW Datasheet HTML 8Page - Weitron Technology MUN5230DW Datasheet HTML 9Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics (TA=25 C unless otherwise noted) (Countinued)
Characteristics
Symbol
Unit
Typ
Min
Max
MUN5211DW Series
WEITRON
DC Current Gain
(IC= 5.0 mAdc,VCE=10Vdc)
Collector-Emitter Saturation Voltage
(IC= 10 mAdc, IB= 0.3mAdc)
Output Voltage (on)
(VCC = 5.0 V,VB= 2.5V, R =1.0 k )
(IC= 10 mAdc, IB= 5.0mAdc)
(IC= 10 mAdc, IB= 1.0mAdc)
HFE
VCE(sat)
VOL
VOL
Vdc
Vdc
On Characteristics (4)
http://www.weitron.com.tw
MUN5211DW
MUN5230DW/MUN5231DW
MUN5215DW/MUN5216DW
MUN5232DW/MUN5233DW/MUN5234DW
MUN5212DW
MUN5213DW
MUN5214DW
MUN5215DW
MUN5216DW
MUN5230DW
MUN5231DW
MUN5232DW
MUN5233DW
MUN5234DW
MUN5235DW
MUN5236DW
MUN5237DW
MUN5211DW
MUN5212DW
MUN5214DW
MUN5215DW
MUN5216DW
MUN5230DW
MUN5231DW
MUN5232DW
MUN5233DW
MUN5234DW
MUN5235DW
MUN5213DW
MUN5236DW
MUN5237DW
MUN5230DW
MUN5215DW
MUN5216DW
MUN5233DW
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
150
140
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
4.9
0.25
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
L
Output Voltage (off)
(VCC = 5.0 V, VB= 0.5V, R =1.0 k )
L
(VCC = 5.0 V, VB= 3.5V, R =1.0 k )
L
(VCC = 5.0 V, VB= 0.05V, R =1.0 k )
L
(VCC = 5.0 V, VB= 0.25V, R =1.0 k )
L
(VCC = 5.0 V, VB= 5.5V, R =1.0 k )
L
(VCC = 5.0 V, VB= 4.0V, R =1.0 k )
L
4. Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%
3/9
Rev.A 29-Dec-05


Similar Part No. - MUN5230DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5230DW WEITRON-MUN5230DW Datasheet
243Kb / 6P
   Surface Mount Dual Bias Resistor Transistor NPN Silicon
logo
Yea Shin Technology Co....
MUN5230DW YEASHIN-MUN5230DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
AiT Semiconductor Inc.
MUN5230DW AITSEMI-MUN5230DW Datasheet
1Mb / 12P
   BIAS RESISTOR TRANSISTOR DUAL NPN WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
ON Semiconductor
MUN5230DW1 ONSEMI-MUN5230DW1 Datasheet
145Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
logo
Motorola, Inc
MUN5230DW1T1 MOTOROLA-MUN5230DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
More results

Similar Description - MUN5230DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5211DW WEITRON-MUN5211DW Datasheet
243Kb / 6P
   Surface Mount Dual Bias Resistor Transistor NPN Silicon
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTA144TT1 ONSEMI-DTA144TT1 Datasheet
124Kb / 3P
   Bias Resistor Transistor PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
August, 2006 ??Rev. 3
logo
Shanghai Leiditech Elec...
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMBT3906DW1T1 LRC-LMBT3906DW1T1 Datasheet
188Kb / 6P
   Dual Bias Resistor Transistor
LMBT3906DW1T1G LRC-LMBT3906DW1T1G Datasheet
423Kb / 8P
   Dual Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com