Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2137 Datasheet(PDF) 2 Page - Weitron Technology

Part # MUN2137
Description  Bias Resistor Transistor PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2137 Datasheet(HTML) 2 Page - Weitron Technology

  MUN2137 Datasheet HTML 1Page - Weitron Technology MUN2137 Datasheet HTML 2Page - Weitron Technology MUN2137 Datasheet HTML 3Page - Weitron Technology MUN2137 Datasheet HTML 4Page - Weitron Technology MUN2137 Datasheet HTML 5Page - Weitron Technology MUN2137 Datasheet HTML 6Page - Weitron Technology MUN2137 Datasheet HTML 7Page - Weitron Technology MUN2137 Datasheet HTML 8Page - Weitron Technology MUN2137 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
WEITRON
http://www.weitron.com.tw
WE IT R ON
MUN2111 Series
Collector-Emitter Breakdown Voltage
(IC=2.0mA, I =0)
Collector-Base Breakdown Voltage
(IC=10 uA ,IE=0)
Collector-Base Cutoff Voltage
(VCB=50 V, I =0)
Collector-Emitter Cutoff Current
(VCE=50V, I =0)
Emitter-Base Cutoff Current
V(BR)CEO
ICBO
V(BR)CBO
VCE(sat)
ICEO
IEBO
mA
V
nA
V
nA
Characteristics
Symbol
Min
Max
Unit
Off Characteristics
On Characteristics
Typ
50
-
50
-
-
-
-
100
500
-
-
-
Electrical Characteristics (TA=25 C Unless Otherwise noted)
B
(2)
E
B
(V =6.0V, I =0)
EB
C
0.5
0.2
0.1
0.2
0.9
1.9
2.3
4.3
0.18
1.5
0.13
0.05
0.13
0.20
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
Vdc
MUN2111
MUN2112
MUN2113
MUN2114
MUN2115
MUN2111
MUN2112
MUN2113
MUN2114
MUN2115
MUN2116
MUN2116
MUN2130
MUN2130
MUN2131
MUN2131
MUN2132
MUN2132
MUN2133
MUN2134
MUN2134
MUN2136
MUN2137
MUN2136
MUN2137
MUN2140
MUN2140
Collector-Emitter Saturation Voltage (I =10mA, I =0.3mA)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
C
C
B
B
(I =10mA, I =5mA)
C
B
(I =10mA, I =1mA)
2. Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0%


Similar Part No. - MUN2137

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2137 WEITRON-MUN2137 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN2137 ONSEMI-MUN2137 Datasheet
138Kb / 11P
   Digital Transistors (BRT) R1 = 47 k, R2 = 22 k
September, 2012 ??Rev. 1
MUN2137 ONSEMI-MUN2137 Datasheet
111Kb / 12P
   PNP Transistors with Monolithic Bias Resistor Network
April, 2015 ??Rev. 3
MUN2137 ONSEMI-MUN2137 Datasheet
183Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
MUN2137T1 ONSEMI-MUN2137T1 Datasheet
236Kb / 12P
   Bias Resistor Transistor
January, 2005 ??Rev. 14
More results

Similar Description - MUN2137

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com