Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74725 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LC74725
Description  On-Screen Display Controller LSI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74725 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LC74725 Datasheet HTML 1Page - Sanyo Semicon Device LC74725 Datasheet HTML 2Page - Sanyo Semicon Device LC74725 Datasheet HTML 3Page - Sanyo Semicon Device LC74725 Datasheet HTML 4Page - Sanyo Semicon Device LC74725 Datasheet HTML 5Page - Sanyo Semicon Device LC74725 Datasheet HTML 6Page - Sanyo Semicon Device LC74725 Datasheet HTML 7Page - Sanyo Semicon Device LC74725 Datasheet HTML 8Page - Sanyo Semicon Device LC74725 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
No. 5213-2/16
LC74725, 74725M
Pin Assignment
Pin Functions
Note: Both VDD1 pins must be connected to the power supply.
Pin No.
Symbol
Function
Description
1
VSS1
Ground
Ground connection (digital system ground)
2
XtalIN
Connections for the external crystal and capacitors used to form a crystal oscillator for internal
Crystal oscillator
synchronizing signal generation. Alternatively, these pins can be used for external clock input
3
XtalOUT
(2fsc or 4fsc).
4
CTRL1
Crystal oscillator input
Switches between external clock input mode and crystal oscillator mode. Low: crystal oscillator
switching
mode, high: external clock input mode.
5
LN21
Data output
Line 21H pulse output (MOD0 = low: even field, MOD0 = high: both fields output)
6
OSCIN
LC oscillator
Connections for the external coil and capacitor used to form the character output dot clock
7
OSCOUT
generation oscillator.
Outputs the judgment as to where there are or are not external synchronizing signals present.
Outputs a high level when there are synchronizing signals.
External synchronizing
SEL0 = high: Outputs field discrimination pulses (O/E pulses)
8
SYNCJDG
signal judgment output
Outputs the dot clock (LC oscillator) when the CS1 pin is high and the RST pin is low. A
command is provided that turns this output off.
Outputs the crystal oscillator clock when the CS1 pin is low and the RST pin is low. A
command is provided that turns this output off.
9
CS1
Enable input
Enable input for OSD serial data input. Serial data input is enabled when this pin is low. A pull-
up resistor is built in (hysteresis input).
10
SCLK
Clock input
Serial data input clock input.
A pull-up resistor is built in (hysteresis input).
11
SIN
Data input
Serial data input. A pull-up resistor is built in (hysteresis input).
12
VDD2
Power supply
Composite video signal level adjustment power supply (analog system power supply)
13
CVOUT
Video signal output
Composite video signal output pin
14
NC
Must be either connected to ground or left open.
15
CVIN
Video signal input
Composite video signal input pin
16
VDD1
Power supply
Power supply (+5 V: digital system power supply)
17
SYNIN
Sync separator circuit input
Video signal input to the built-in sync separator circuit
18
VSS1
Ground
Ground (digital system ground)
19
SEPOUT
Composite synchronizing
Video signal output from the built-in sync separator circuit
signal output
Vertical synchronizing
Inputs the vertical synchronizing signal generated by integrating the SEPOUT pin output signal.
20
SEPIN
signal input
An integrating circuit must be inserted between the SEPOUT pin and this pin. This pin must be
tied to VDD1 if unused.
21
CS2
Enable input
Enable input for EDS data output. EDS data output is enabled when this input is low. A pull-up
resistor is built in (hysteresis input).
22
CPDT
Data output
EDS data output (either an n-channel open-drain or a CMOS output circuit)
23
RST
Reset input
System reset input. A pull-up resistor is built in (hysteresis input).
24
VDD1
Power supply (+5 V)
Power supply (+5 V: digital system power supply)


Similar Part No. - LC74725

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7472 SANYO-LC7472 Datasheet
263Kb / 14P
   On-screen Video Display Controller for NTSC or PAL-M?
LC74721 SANYO-LC74721 Datasheet
289Kb / 15P
   On-screen Video Display Controllers for NTSC or PAL-M
LC74721M SANYO-LC74721M Datasheet
289Kb / 15P
   On-screen Video Display Controllers for NTSC or PAL-M
LC74723 SANYO-LC74723 Datasheet
144Kb / 12P
   On-Screen Display Controller
LC74723M SANYO-LC74723M Datasheet
144Kb / 12P
   On-Screen Display Controller
More results

Similar Description - LC74725

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74730M SANYO-LC74730M Datasheet
145Kb / 14P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74794 SANYO-LC74794 Datasheet
217Kb / 30P
   On-Screen Display Controller LSI
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74761 SANYO-LC74761_11 Datasheet
328Kb / 21P
   On-Screen Display LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com