Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2130 Datasheet(PDF) 1 Page - Weitron Technology

Part # MUN2130
Description  Bias Resistor Transistor PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2130 Datasheet(HTML) 1 Page - Weitron Technology

  MUN2130 Datasheet HTML 1Page - Weitron Technology MUN2130 Datasheet HTML 2Page - Weitron Technology MUN2130 Datasheet HTML 3Page - Weitron Technology MUN2130 Datasheet HTML 4Page - Weitron Technology MUN2130 Datasheet HTML 5Page - Weitron Technology MUN2130 Datasheet HTML 6Page - Weitron Technology MUN2130 Datasheet HTML 7Page - Weitron Technology MUN2130 Datasheet HTML 8Page - Weitron Technology MUN2130 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Total Device Dissipation FR-5 Board
(1)TA=25 C
Derate above 25 C
Bias Resistor Transistor
Collector-Emitter Voltage
Symbol
Value
Unit
Rating
IC
VCBO
VCEO
50
50
mAdc
Vdc
Vdc
Collector Current-Continuous
100
MUN2111 Series
http://www.weitron.com.tw
WEITRON
Maximum Ratings ( TA=25 C unless otherwise noted)
Thermal Resistance, Junction to Ambient
Junction and Storage,Temperature Range
Characteristics
TJ,Tstg
R JA
PD
θ
Symbol
Max
Unit
mW
mW/ C
C/W
C
Thermal Characteristics
Device Marking and Resistor Values
(1)
(1)
230
1.8
540
-55 to +150
Collector-Base Voltage
1.FR-4 @ minimum pad
Device
MUN2111
MUN2112
MUN2113
MUN2114
MUN2115
MUN2116
MUN2130
Marking
R1(K)
R2(K)
6A
6B
6C
6D
6E
6F
6G
10
22
47
10
10
4.7
1.0
10
22
47
47
1.0
Device
MUN2131
MUN2132
MUN2133
MUN2134
MUN2136
MUN2137
MUN2140
Marking
R1(K)
R2(K)
6H
6J
6K
6L
6N
6P
6T
2.2
4.7
4.7
22
100
47
47
2.2
4.7
Rev.A 23-Jan-09
47
100
22
PNP Silicon
1
2
3
SC-59
COLLECTOR
EMITTER
BASE
1
2
3
R1
R2


Similar Part No. - MUN2130

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2130 WEITRON-MUN2130 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN2130 ONSEMI-MUN2130 Datasheet
137Kb / 10P
   Digital Transistors (BRT) R1 = 1 k, R2 = 1 k
February, 2013 ??Rev. 2
MUN2130 ONSEMI-MUN2130 Datasheet
104Kb / 11P
   PNP Transistors with Monolithic Bias Resistor Network
January, 2015 ??Rev. 5
MUN2130 ONSEMI-MUN2130 Datasheet
177Kb / 11P
   Digital Transistors (BRT)
October, 2016 ??Rev. 6
logo
Yea Shin Technology Co....
MUN2130 YEASHIN-MUN2130 Datasheet
924Kb / 8P
   PNP Silicon Surface Mount Transistors
More results

Similar Description - MUN2130

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com