Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5232B Datasheet(PDF) 2 Page - Weitron Technology

Part # MMBZ5232B
Description  Surface Mount Zener Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBZ5232B Datasheet(HTML) 2 Page - Weitron Technology

  MMBZ5232B Datasheet HTML 1Page - Weitron Technology MMBZ5232B Datasheet HTML 2Page - Weitron Technology MMBZ5232B Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WEITRON
2/3
MMBZ5221B Series
Maximum Ratings @ Ta= 25
℃ unless otherwise specified
Forward Voltage @ IF
V
A
m
0
1
=
F
0.9
V
225
d
P
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
mW
Thermal Resistance, Junction to Ambient Air
RθJA
556
/W
Operating and Storage Temperature Range
Tj, TSTG
-65 to +150
ELECTRICAL CHARACTERISTICS (Pinout: 1-Anode, 2-NC, 3-Cathode) (VF = 0.9 V Max @ IF = 10 mA for all types.)
Zener Voltage (Note 3)
Zener Impedance
Leakage Current
Device
VZ (Volts)
@ IZT
ZZT @ IZT
ZZK @ IZK
IR @ VR
Device
Device
Marking
Min
Nom
Max
mA
mA
A
Volts
MMBZ5221B
18A
2.28
2.4
2.52
20
30
1200
0.25
100
1
MMBZ5222B
18B
2.37
2.5
2.63
20
30
1250
0.25
100
1
MMBZ5223B
18C
2.56
2.7
2.84
20
30
1300
0.25
75
1
MMBZ5224B
18D
2.66
2.8
2.94
20
30
1400
0.25
75
1
MMBZ5225B
18E
2.85
3
3.15
20
29
1600
0.25
50
1
MMBZ5226B
8A
3.13
3.3
3.47
20
28
1600
0.25
25
1
MMBZ5227B
8B
3.42
3.6
3.78
20
24
1700
0.25
15
1
MMBZ5228B
8C
3.70
3.9
4.10
20
23
1900
0.25
10
1
MMBZ5229B
8D
4.08
4.3
4.52
20
22
2000
0.25
5
1
MMBZ5230B
MMBZ5231B
MMBZ5232B
MMBZ5233B
MMBZ5234B
MMBZ5235B
8E
8F
8G
8H
8J
8K
4.46
4.84
5.32
5.70
5.89
6.46
4.7
4.94
20
20
20
20
20
20
20
20
20
20
20
19
17
17
11
7
7
5
1900
0.25
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
3
1600
1600
1600
1000
750
5.36
5.88
6.30
6.51
7.14
5.1
5.6
6
6.2
6.8
7.12
7.79
8.26
8.64
9.50
2
3
3.5
4
5
2
MMBZ5236B
8L
7.5
7.88
6
500
0.25
3
6
MMBZ5237B
8M
8.2
8.61
8
500
0.25
3
6.5
MMBZ5238B
8N
8.7
9.14
8
600
0.25
3
6.5
MMBZ5239B
MMBZ5240B
8P
8Q
8R
8S
8T
8U
8V
8W
8X
8Y
8Z
81A
81B
81C
81D
81E
81F
81G
81H
81J
81K
81L
15.20
16.15
17.10
18.05
19.00
20.90
22.80
23.75
25.65
26.60
28.50
31.35
34.20
37.05
40.85
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
36
39
43
11.55
12.60
13.65
14.70
15.75
20
20
9.5
9
8.5
17
19
21
23
25
29
33
35
41
44
5.6
5.2
5
4.6
4.5
4.2
3.8
3.4
3.2
3
23.10
25.20
26.25
28.35
29.40
31.50
34.65
37.80
40.95
45.15
49
58
70
80
93
22
30
13
15
16
16.80
17.85
18.90
19.95
21.00
7.8
7.4
7
6.6
6.2
10.4
11.40
12.35
13.30
14.25
9.1
10
9.56
10.50
10
600
600
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
3
3
7
8
MMBZ5241B
MMBZ5242B
600
600
600
600
600
600
600
600
600
600
12
13
14
14
15
8.4
9.1
9.9
10
11
17
18
19
21
21
23
25
27
30
33
36
39
43
46
47
52
56
62
68
69
600
600
600
600
600
600
700
700
800
900
MMBZ5243B
MMBZ5244B
MMBZ5245B
MMBZ5246B
MMBZ5247B
MMBZ5248B
MMBZ5249B
MMBZ5250B
MMBZ5251B
MMBZ5252B
MMBZ5253B
MMBZ5254B
MMBZ5255B
MMBZ5256B
MMBZ5257B
MMBZ5258B
MMBZ5259B
MMBZ5260B
MMBZ5261B
81M
44.65
47
49.35
2.7
105
1000
0.25
0.1
MMBZ5262B
81N
48.45
51
53.55
2.5
125
1100
0.25
0.1
MMBZ5263B
81P
53.20
56
58.80
2.2
150
1300
0.25
0.1
MMBZ5264B
81Q
57.00
60
63.00
2.1
170
1400
0.25
0.1
MMBZ5265B
81R
58.90
62
65.10
2
185
1400
0.25
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
2
1
0.5
0.1
0.1
0.1
0.1
0.1
0.1
MMBZ5266B
81S
64.60
68
71.40
1.8
230
1600
0.25
0.1
MMBZ5267B
81T
71.25
75
78.75
1.7
270
1700
0.25
0.1
MMBZ5268B
81U
77.90
82
86.10
1.5
330
2000
0.25
0.1
MMBZ5269B
81V
82.65
87
91.35
1.4
370
2200
0.25
0.1
MMBZ5270B
81W
86.45
91
95.55
1.4
400
2300
0.25
0.1
3.Zener voltage is measured with a pulse test current I Z at an ambient temperature of 25°C
http://www.weitron.com.tw
WEITRON
Rev.A 19-Nov-09
Symbol
Value
Unit
Characteristic


Similar Part No. - MMBZ5232B

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ5232B SKTECHNOLGY-MMBZ5232B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Pan Jit International I...
MMBZ5232B PANJIT-MMBZ5232B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Galaxy Semi-Conductor H...
MMBZ5232B BILIN-MMBZ5232B Datasheet
219Kb / 5P
   350mW Surface Mount Zener Diode
logo
Diodes Incorporated
MMBZ5232B DIODES-MMBZ5232B Datasheet
109Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
logo
Fairchild Semiconductor
MMBZ5232B FAIRCHILD-MMBZ5232B Datasheet
204Kb / 6P
   Zeners
More results

Similar Description - MMBZ5232B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com