Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2212 Datasheet(PDF) 2 Page - Weitron Technology

Part # MUN2212
Description  NPN Silicon Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2212 Datasheet(HTML) 2 Page - Weitron Technology

  MUN2212 Datasheet HTML 1Page - Weitron Technology MUN2212 Datasheet HTML 2Page - Weitron Technology MUN2212 Datasheet HTML 3Page - Weitron Technology MUN2212 Datasheet HTML 4Page - Weitron Technology MUN2212 Datasheet HTML 5Page - Weitron Technology MUN2212 Datasheet HTML 6Page - Weitron Technology MUN2212 Datasheet HTML 7Page - Weitron Technology MUN2212 Datasheet HTML 8Page - Weitron Technology MUN2212 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WEITRON
http://www.weitron.com.tw
ELECTRICALCHARACTERISTICS
(TA = 25 C unless otherwise noted)
Characteristic
Symbol
Min
Ty
p
Max
Unit
OFF CHARACTERISTICS
C ollector-B ase C utoff C urrent (V CB = 50 V, IE = 0)
ICBO
-
-
100
nAdc
C ollector-E mitter C utoff C urrent (V CE = 50 V, IB = 0)
ICE O
-
-
500
nAdc
E mitter-B ase C utoff C urrent
MUN2211
(V E B = 6.0 V, IC = 0)
MUN2212
MUN2213
MUN2214
MUN2215
MUN2216
MUN2230
MUN2231
MUN2232
MUN2233
MUN2234
MUN2236
MUN2237
MUN2240
MUN2241
IE BO
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.05
0.13
0.2
0.1
mAdc
C ollector-B ase B reakdown Voltage (IC = 10 uA, IE = 0)
V (BR )CBO
50
-
-
V dc
C ollector-E mitter B reakdown Voltage (1)
(IC = 2.0 mA, IB = 0)
V (BR )CE O
50
-
-
V dc
ON CHARACTERISTICS (1)
DC C urrent G ain
MUN2211
(V CE = 10 V, IC = 5.0 mA)
MUN2212
MUN2213
MUN2214
MUN2215
MUN2216
MUN2230
MUN2231
MUN2232
MUN2233
MUN2234
MUN2236
MUN2237
MUN2240
MUN2241
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
80
160
160
60
100
140
140
350
350
5.0
15
30
200
150
150
140
350
350
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
C ollector-E mitter S aturation Voltage (IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) MUN2230/MUN2231
(IC = 10 mA, IB = 1 mA) MUN2215/MUN2216
MUN2232/MUN2233/MUN2234
V CE (sat)
-
-
0.25
V dc
Output Voltage (on)
(V CC = 5.0 V, VB = 2.5 V, R L = 1.0 k )
MUN2211
MUN2212
MUN2214
MUN2215
MUN2216
MUN2230
MUN2231
MUN2232
MUN2233
MUN2234
(V CC = 5.0 V, VB = 3.5 V, R L = 1.0 k )
MUN2213
MUN2240
(V CC = 5.0 V, VB = 5.5 V, R L = 1.0 k )
MUN2236
(V CC = 5.0 V, VB = 4.0 V, R L = 1.0 k )
MUN2237
(V CC = 5.0 V, VB = 5.0 V, R L = 1.0 k )
MUN2241
V OL
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
V dc
MUN2211 Series


Similar Part No. - MUN2212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2212 ONSEMI-MUN2212 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Weitron Technology
MUN2212 WEITRON-MUN2212 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2212 ONSEMI-MUN2212 Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 22 k, R2 = 22 k
August, 2012 ??Rev. 0
MUN2212 ONSEMI-MUN2212 Datasheet
149Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN2212 ONSEMI-MUN2212 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
More results

Similar Description - MUN2212

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com