Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2211 Datasheet(PDF) 8 Page - Weitron Technology

Part # MUN2211
Description  NPN Silicon Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2211 Datasheet(HTML) 8 Page - Weitron Technology

Back Button MUN2211 Datasheet HTML 2Page - Weitron Technology MUN2211 Datasheet HTML 3Page - Weitron Technology MUN2211 Datasheet HTML 4Page - Weitron Technology MUN2211 Datasheet HTML 5Page - Weitron Technology MUN2211 Datasheet HTML 6Page - Weitron Technology MUN2211 Datasheet HTML 7Page - Weitron Technology MUN2211 Datasheet HTML 8Page - Weitron Technology MUN2211 Datasheet HTML 9Page - Weitron Technology MUN2211 Datasheet HTML 10Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
WEITRON
http://www.weitron.com.tw
MUN2211 Series
FIG27. VCE(sat)versus I C
IC, C OLLE C TOR C UR R E NT (mA)
0
10
20
30
40
1
0.1
0.01
TA = -25 C
25 C
75 C
IC/IB = 10
5
15
25
35
FIG28. DC Current Gain
1
100
IC, C OLLE C TOR C UR R E NT (mA)
V CE = 10 V
1000
100
1
10
TA = -25 C
25 C
75 C
10
1.4
1
0.6
0.2
0
0
5
10
15
20
25
30
35
40
45
V R , R E VE R S E BIAS VOLTAG E (VOLTS )
FIG29. Output Capacitance
f = 1 MHz
lE = 0 V
TA = 25 C
1.8
1.6
1.2
0.8
0.4
2
100
10
0
2
4
FIG30. Output Current versus Input Voltage
Vin , INP UT VOLTAG E (VOLTS )
75 C
25 C
TA = -25 C
V O = 5 V
6
8
10
12
14
16
1
0.001
0.1
0.01
100
1
0
10
20
30
40
5
FIG31. Input Voltage versus Output Current
IC, C OLLE C TOR C UR R E NT (mA)
V O = 0.2 V
TA = -25 C
25 C
75 C
15
25
10
35


Similar Part No. - MUN2211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN2211 ONSEMI-MUN2211 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Weitron Technology
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211 ONSEMI-MUN2211 Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
August, 2012 ??Rev. 4
MUN2211 ONSEMI-MUN2211 Datasheet
149Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
February, 2014 ??Rev. 6
MUN2211 ONSEMI-MUN2211 Datasheet
140Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 7
More results

Similar Description - MUN2211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com