Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMUN2231 Datasheet(PDF) 1 Page - Weitron Technology

Part # MMUN2231
Description  Bias Resistor Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2231 Datasheet(HTML) 1 Page - Weitron Technology

  MMUN2231 Datasheet HTML 1Page - Weitron Technology MMUN2231 Datasheet HTML 2Page - Weitron Technology MMUN2231 Datasheet HTML 3Page - Weitron Technology MMUN2231 Datasheet HTML 4Page - Weitron Technology MMUN2231 Datasheet HTML 5Page - Weitron Technology MMUN2231 Datasheet HTML 6Page - Weitron Technology MMUN2231 Datasheet HTML 7Page - Weitron Technology MMUN2231 Datasheet HTML 8Page - Weitron Technology MMUN2231 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
http://www.weitron.com.tw
WEITRON
MMUN2211 Series
Bias Resistor Transistor
NPN Silicon
R1
R2
SOT-23
1
2
3
1.6
θ
625
-65 to +150
Device Marking and Resistor Values
MMUN2211
MMUN2232
MMUN2233
MMUN2234
MMUN2235
MMUN2238
MMUN2241
A8A, 24
A8J
4.7
4.7
47
47
47
4.7
22
2.2
2.2
100
A8K
A8L
A8M
A8R
A8U
10
MMUN2212
MMUN2213
MMUN2230
MMUN2231
MMUN2214
MMUN2215
MMUN2216
THERMAL CHARACTERISTICS
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Characteristics
Symbol
Value
Unit
1. FR-4 @ minimun pad
Collector-Emitter Voltage
Collector-Base Voltage
Collector Current-Continuous
VCEO
VCBO
I
50
Vdc
50
Vdc
100
mAdc
PD
JA
R
TJ,Tstg
246
mW
mW / °C
°C/W
°C
EMITTER
BASE
COLLECTOR
2
1
3
Total Device Dissipation FR-5 Board (1)
Thermal Resistance, Junction to Ambient (1)
Junction and Storage,Temperature
Derate above
T = 25°C
25°C
A
A8B
A8C, 26
A8D
A8E
A8F
A8G
A8H
22
47
10
10
4.7
1.0
2.2
10
22
47
47
1.0
2.2
C
Device
Marking
R1(k)
R2(k)
Device
Marking
R1(k)
R2(k)
Lead(Pb)-Free
P b
1/10
Rev.B 25-Jan-07


Similar Part No. - MMUN2231

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2231 WEITRON-MMUN2231 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Jiangsu High diode Semi...
MMUN2231 HDSEMI-MMUN2231 Datasheet
2Mb / 11P
   SOT-23 Plastic-Encapsulate Bias Resistor Transistor
logo
ON Semiconductor
MMUN2231L ONSEMI-MMUN2231L Datasheet
127Kb / 10P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
August, 2012 ??Rev. 0
MMUN2231L ONSEMI-MMUN2231L Datasheet
103Kb / 11P
   Digital Transistors (BRT) R1 = 2.2 k, R2 = 2.2 k
January, 2015 ??Rev. 2
MMUN2231L ONSEMI-MMUN2231L Datasheet
102Kb / 11P
   Digital Transistors (BRT)
November, 2016 ??Rev. 4
More results

Similar Description - MMUN2231

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5111DW1T1 ONSEMI-MUN5111DW1T1_06 Datasheet
109Kb / 12P
   Bias Resistor Transistor
February, 2006 ??Rev. 8
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
132Kb / 12P
   Bias Resistor Transistor
October, 2004 ??Rev. 7
logo
Leshan Radio Company
LDTA123YET1G LRC-LDTA123YET1G_15 Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTA124GET1G LRC-LDTA124GET1G_15 Datasheet
285Kb / 3P
   Bias Resistor Transistor
logo
ON Semiconductor
MMUN2211LT1 ONSEMI-MMUN2211LT1 Datasheet
104Kb / 12P
   Bias Resistor Transistor
May, 2004 ??Rev. 4
logo
E-Tech Electronics LTD
MMUN2211 ETL-MMUN2211 Datasheet
269Kb / 8P
   Bias Resistor Transistor
logo
Leshan Radio Company
LDTC123TLT1G LRC-LDTC123TLT1G Datasheet
217Kb / 3P
   Bias Resistor Transistor
MUN2211RT1 LRC-MUN2211RT1 Datasheet
328Kb / 8P
   Bias Resistor Transistor
LDTA123YET1G LRC-LDTA123YET1G Datasheet
258Kb / 3P
   Bias Resistor Transistor
LDTC113ZET1G LRC-LDTC113ZET1G Datasheet
278Kb / 3P
   Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com