Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S11059-01WT Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # S11059-01WT
Description  I2C interface-compatible color sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S11059-01WT Datasheet(HTML) 9 Page - Hamamatsu Corporation

  S11059-01WT Datasheet HTML 1Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 2Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 3Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 4Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 5Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 6Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 7Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 8Page - Hamamatsu Corporation S11059-01WT Datasheet HTML 9Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Color sensor
S11059-01WT
Cat. No. KPIC1074E04 Jan. 2011 DN
www.hamamatsu.com
Information described in this material is current as of January, 2011. Product specifications are subject to change without prior notice due to improvements or other
reasons. Before assembly into final products, please contact us for the delivery specification sheet to check the latest information.
Type numbers of products listed in the delivery specification sheets or supplied as samples may have a suffix "(X)" which means preliminary specifications or a suffix
"(Z)" which means developmental specifications.
The product warranty is valid for one year after delivery and is limited to product repair or replacement for defects discovered and reported to us within that one year
period. However, even if within the warranty period we accept absolutely no liability for any loss caused by natural disasters or improper product use.
Copying or reprinting the contents described in this material in whole or in part is prohibited without our prior permission.
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 8152-375-0, Fax: (49) 8152-265-8
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1 int. 6, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
9
Line-up of RGB color sensors
Type No.
Type
Active area size
(mm)
Package
(mm)
Peak
sensitivity
wavelength
(nm)
Photo sensitivity
Photo
S9032-02
Photodiode
2.0
4 × 4.8 × 1.8t
6-pin
( lter 0.75t)
B
460
B
0.18 (A/W) [ =460 nm]
G
540
G
0.23 (A/W) [ =540 nm]
R
620
R
0.16 (A/W) [ =620 nm]
S9702
Photodiode
1.0 × 1.0
3 × 4 × 1.3t
4-pin
( lter 0.75t)
B
460
B
0.18 (A/W) [ =460 nm]
G
540
G
0.23 (A/W) [ =540 nm]
R
620
R
0.16 (A/W) [ =620 nm]
S10917-35GT Photodiode
1.0 × 1.0
3 × 1.6 × 1.0t
COB
(on-chip lter)
B
460
B
0.2 (A/W) [ =460 nm]
G
540
G
0.23 (A/W) [ =540 nm]
R
620
R
0.17 (A/W) [ =620 nm]
S10942-01CT Photodiode
1.0 × 1.0
3 × 1.6 × 1.0t
COB
(on-chip lter)
*6
B
0.21 (A/W) [ =460 nm]
G
0.25 (A/W) [ =540 nm]
R
0.45 (A/W) [ =640 nm]
S9706
Digital
Photo IC
1.2 × 1.2
4 × 4.8 × 1.8t
6-pin
( lter 0.75t)
B
465
B
0.21 (LSB/lx)
B1.9 (LSB/lx)
G
540
G
0.45 (LSB/lx)G
4.1 (LSB/lx)
R
615
R
0.64 (LSB/lx)
R
5.8 (LSB/lx)
S11059-01WT
I2C interface-
compatible
color sensor
1.22 × 0.56
1.68 × 1.18 × 0.58t
WL-CSP
(on-chip lter)
B
460
B 3.35 (counts/lx)
B 31.7 (counts/lx)
G
530
G 7.61 (counts/lx)
G 76.2 (counts/lx)
R
615
R 9.48 (counts/lx)
R 94.5 (counts/lx)
IR 855
IR 1.66 (counts/lx)
IR 15.3 (counts/lx)
*6: Refer to "Spectral response" of "Si photodiode S10942-01CT" datasheet.


Similar Part No. - S11059-01WT

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S11059-01WT HAMAMATSU-S11059-01WT Datasheet
254Kb / 11P
   Digital color sensor
S11059-01WT HAMAMATSU-S11059-01WT_15 Datasheet
381Kb / 11P
   Color sensor
More results

Similar Description - S11059-01WT

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VEML6040 VISHAY-VEML6040_V01 Datasheet
395Kb / 13P
   RGBW Color Sensor with I2C Interface
01-Jan-2022
VEML6040 VISHAY-VEML6040 Datasheet
397Kb / 13P
   RGBW Color Sensor with I2C Interface
Rev. 1.6, 21-Nov-16
VEML3328SL VISHAY-VEML3328SL_V02 Datasheet
460Kb / 13P
   RGBCIR Color Sensor With I2C Interface
01-Jan-2023
VEML3328 VISHAY-VEML3328_V02 Datasheet
603Kb / 12P
   RGBCIR Color Sensor With I2C Interface
01-Jan-2023
VEML6040 VISHAY-VEML6040_V02 Datasheet
395Kb / 13P
   RGBW Color Sensor with I2C Interface
01-Jan-2023
VEML3328 VISHAY-VEML3328_V01 Datasheet
603Kb / 12P
   RGBCIR Color Sensor With I2C Interface
01-Jan-2022
VEML3328 VISHAY-VEML3328 Datasheet
626Kb / 12P
   RGBCIR Color Sensor With I2C Interface
VEML3328SL VISHAY-VEML3328SL Datasheet
388Kb / 12P
   RGBCIR Color Sensor With I2C Interface
VEML3328SL VISHAY-VEML3328SL_V01 Datasheet
459Kb / 13P
   RGBCIR Color Sensor With I2C Interface
01-Jan-2022
logo
Everlight Electronics C...
EAAPMST3923A1 EVERLIGHT-EAAPMST3923A1 Datasheet
552Kb / 17P
   Proximity Sensor with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com