Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBP210 Datasheet(PDF) 3 Page - Weitron Technology

Part # KBP210
Description  Glass Passivated Bridge Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

KBP210 Datasheet(HTML) 3 Page - Weitron Technology

  KBP210 Datasheet HTML 1Page - Weitron Technology KBP210 Datasheet HTML 2Page - Weitron Technology KBP210 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
KBP2005 thru KBP210
3/3
NUMBER OF CYCLES AT 60Hz
Fig.2 Maximum Non-repetitive Peak Forward
Surge Current Per Bridge Element
1
10
100
60
45
30
15
0
Fig.4 Typical Instantaneous Forward
Per Bridge Element
INSTANTANEOUS FORWARD VOLTAGE (V)
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 25°C
PULSE WIDTH = 300µs
1 % DUTY CYCLE
0.01
0.1
1.0
10
PERCENT OF RATED PEAK REVERSE VOLTS (%)
Fig.3 Typical Reverse Characteristics
AMBIENT TEMPERATURE (°C)
Fig.1 Typical Forward Current Derating Curve
0
25
50
75
100
125
150
SINGLE PHASE HALF WAVE
60Hz RESISTIVE OR
INDUCTIVE LOAD
2.0
1.5
1.0
0.5
0
Ratings and Characteristics Curves
0
0.01
20
40
60
80
0.1
1.0
10
120
100
140
TJ = 25°C
TJ = 25°C
Rev.A 10-Dec-2010


Similar Part No. - KBP210

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBP210 JGD-KBP210 Datasheet
118Kb / 2P
   SINGLE PHASE 2.0 AMPS. SILICON BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
KBP210 JUXING-KBP210 Datasheet
1Mb / 2P
   BRIDGE RECTIFIERS
logo
America Semiconductor, ...
KBP210 AMERICASEMI-KBP210 Datasheet
614Kb / 2P
   BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
KBP210 ZSELEC-KBP210 Datasheet
338Kb / 2P
   2.0A BRIDGE RECTIFIER
logo
EIC discrete Semiconduc...
KBP210 EIC-KBP210 Datasheet
18Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - KBP210

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com