Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC143EE Datasheet(PDF) 3 Page - Weitron Technology

Part # DTC143EE
Description  Bias Resistor Transistor NPN Silicon
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

DTC143EE Datasheet(HTML) 3 Page - Weitron Technology

  DTC143EE Datasheet HTML 1Page - Weitron Technology DTC143EE Datasheet HTML 2Page - Weitron Technology DTC143EE Datasheet HTML 3Page - Weitron Technology DTC143EE Datasheet HTML 4Page - Weitron Technology DTC143EE Datasheet HTML 5Page - Weitron Technology DTC143EE Datasheet HTML 6Page - Weitron Technology DTC143EE Datasheet HTML 7Page - Weitron Technology DTC143EE Datasheet HTML 8Page - Weitron Technology DTC143EE Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
WEITRON
http://www.weitron.com.tw
Characteristics
Symbol
(TA=25 C Unless Otherwise noted)
DTC114EE Series
3/13
12-Jun-06
DTC114EE
DTC124EE
DTC144EE
DTC114YE
DTC114TE
DTC143TE
DTC123EE
DTC143EE
DTC143ZE
DTC124XE
DTC123JE
DTC115EE
DTC144WE
WEITRON
hFE
35
60
80
80
160
160
8.0
15
80
80
80
80
80
60
100
140
140
250
250
15
27
140
130
140
150
140
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
DC Current Gain
VCE=-10V, IC=5.0mA
DTC114EE
DTC124EE
DTC144EE
DTC114YE
DTC114TE
DTC143TE
DTC123EE
DTC143EE
DTC143ZE
DTC124XE
DTC123JE
DTC115EE
DTC144WE
DTC123EE
DTC114TE / DTC143TE
DTC143ZE / DTC124XE
DTC143EE
VCE(sat)
-
-
0.25
-
Collector-Emitter Saturation Voltage
IC=10mA, IE=0.3mA
IC=10mA, IE=5.0mA
IC=10mA, IE=1.0mA
On Characteristics(3)
Output Voltage(on)
VCC=5.0V, VB=2.5V RL=1.0KΩ
V
VOL
-
-
0.2
VCC=5.0V, VB=4.0V RL=1.0KΩ
VCC=5.0V, VB=5.5V RL=1.0KΩ
VCC=5.0V, VB=3.5V RL=1.0KΩ
Min
Typ
Max
Unit
Electrical Characteristics
3. Pulse Test: Pulse Width < 300us, Duty Cycle < 2.0%


Similar Part No. - DTC143EE

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC143EE ROHM-DTC143EE Datasheet
87Kb / 4P
   Digital transistors (built-in resistors)
DTC143EE ROHM-DTC143EE Datasheet
1Mb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
logo
Shanghai Leiditech Elec...
DTC143EE LEIDITECH-DTC143EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Jiangsu Changjiang Elec...
DTC143EE JIANGSU-DTC143EE Datasheet
136Kb / 2P
   Digital transistors (built-in resistors)
logo
ON Semiconductor
DTC143EE ONSEMI-DTC143EE Datasheet
149Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
More results

Similar Description - DTC143EE

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com