Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EDZ5.1B Datasheet(PDF) 4 Page - Weitron Technology

Part # EDZ5.1B
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

EDZ5.1B Datasheet(HTML) 4 Page - Weitron Technology

  EDZ5.1B Datasheet HTML 1Page - Weitron Technology EDZ5.1B Datasheet HTML 2Page - Weitron Technology EDZ5.1B Datasheet HTML 3Page - Weitron Technology EDZ5.1B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
http://www.weitron.com.tw
WEITRON
EDZ3.6B Series
4/4
13-Mar-09
Typical Characteristics
1
10
100
0
1
2
3
4
5
6
ZENER VOLTAGE:Vz(V)
Vz-Iz CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Vz DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
ZENER CURRENT:Iz(mA)
Zz-Iz CHARACTERISTICS
f=1MHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Ta=25℃
VR=6.0V
n=30pcs
AVE:0.0831nA
0.0001
0.001
0.01
0.1
1
10
100
0
1
2
3
4
5
6
Ta=25℃
Ta=125℃
Ta=75℃
Ta=-25℃
1
10
100
0.1
1
10
8.9
9
9.1
9.2
9.3
9.4
AVE:9.138V
Ta=25℃
IZ=5mA
n=25℃
0
10
20
30
40
50
60
70
80
90
100
AVE:37.50pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0.001
0.01
0.1
1
10
7
8
9
10
11
Ta=75℃
Ta=-25℃
Ta=125℃
Ta=25℃


Similar Part No. - EDZ5.1B

ManufacturerPart #DatasheetDescription
logo
Rohm
EDZ5.1B ROHM-EDZ5.1B Datasheet
162Kb / 5P
   Zener diode
EDZ5.1B ROHM-EDZ5.1B Datasheet
124Kb / 5P
   Zener diode
EDZ5.1B ROHM-EDZ5.1B Datasheet
141Kb / 5P
   Zener diode
EDZ5.1B ROHM-EDZ5.1B Datasheet
1Mb / 5P
   Zener Diode
EDZ5.1B ROHM-EDZ5.1B Datasheet
161Kb / 5P
   Zener diode
More results

Similar Description - EDZ5.1B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com