Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SX8805Rxxx Datasheet(PDF) 9 Page - Semtech Corporation

Part # SX8805Rxxx
Description  Data Acquisition MCU
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8805Rxxx Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SX8805Rxxx Datasheet HTML 5Page - Semtech Corporation SX8805Rxxx Datasheet HTML 6Page - Semtech Corporation SX8805Rxxx Datasheet HTML 7Page - Semtech Corporation SX8805Rxxx Datasheet HTML 8Page - Semtech Corporation SX8805Rxxx Datasheet HTML 9Page - Semtech Corporation SX8805Rxxx Datasheet HTML 10Page - Semtech Corporation SX8805Rxxx Datasheet HTML 11Page - Semtech Corporation SX8805Rxxx Datasheet HTML 12Page - Semtech Corporation SX8805Rxxx Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 156 page
background image
© Semtech 2006
www.semtech.com
1-7
XE8805/05A
pin
function
I/O configuration
1
PA(0)
CNTA
X
X
2
PA(1)
CNTB
X
X
3
PA(2)
CNTC
X
X
4
PA(3)
CNTD
X
X
5
PA(4)
X
X
6
PA(5)
X
X
7
PA(6)
X
X
8
PA(7)
X
X
9
PC(0)
X
X
10
PC(1)
X
X
11
PC(2)
X
X
12
PC(3)
X
X
13
PC(4)
X
X
14
PC(5)
X
X
15
PC(6)
X
X
16
PC(7)
X
X
17
PB(0)
PWM0
X
X
X
X
X
X
18
PB(1)
PWM1
X
X
X
X
X
X
19
PB(2)
X
X
X
X
X
X
20
PB(3)
X
X
X
X
X
X
21
PB(4)
USRT_S0
X
X
X
X
X
X
22
PB(5)
USRT_S1
X
X
X
X
X
X
23
PB(6)
UART_Tx
X
X
X
X
X
X
24
PB(7)
UART_Rx
X
X
X
X
X
X
25
DAB_R_P
X
26
DAB_R_M
X
27
DAB_OUT
X
28
DAB_AO_P
X
29
DAB_AO_M
X
30
DAB_AI_P
X
31
DAB_AI_M
X
33
VPP
TEST
X
35
AC_R(3)
X
36
AC_R(2)
X
37
AC_A(7)
X
38
AC_A(6)
X
39
AC_A(5)
X
40
AC_A(4)
X
41
AC_A(3)
X
42
AC_A(2)
X
43
AC_A(1)
X
44
AC_A(0)
X
45
AC_R(1)
X
46
AC_R(0)
X
51
DAS_OUT
X
52
DAS_AI_P
X
53
DAS_AI_M
X
54
DAS_AO
X
55
VBAT
X


Similar Part No. - SX8805Rxxx

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8801IRxxLFTRT SEMTECH-SX8801IRxxLFTRT Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
SX8801RIxxx SEMTECH-SX8801RIxxx Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
More results

Similar Description - SX8805Rxxx

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
   Multi-channel data acquisition
2013 - 2014
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
   High-Precision Data Acquisition
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
   Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com