Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE8806A Datasheet(PDF) 9 Page - Semtech Corporation

Part # XE8806A
Description  Ultra Low-Power Low-Voltage
Download  143 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE8806A Datasheet(HTML) 9 Page - Semtech Corporation

Back Button XE8806A Datasheet HTML 5Page - Semtech Corporation XE8806A Datasheet HTML 6Page - Semtech Corporation XE8806A Datasheet HTML 7Page - Semtech Corporation XE8806A Datasheet HTML 8Page - Semtech Corporation XE8806A Datasheet HTML 9Page - Semtech Corporation XE8806A Datasheet HTML 10Page - Semtech Corporation XE8806A Datasheet HTML 11Page - Semtech Corporation XE8806A Datasheet HTML 12Page - Semtech Corporation XE8806A Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 143 page
background image
© Semtech 2006
www.semtech.com
1-7
XE8806A/XE8807A
1.2.5 Bare die XE8807A
The circuit is also available in bare die for chip on board assembly. All VBAT pins and all VSS pins should be
connected together. The substrate of the circuit is connected to VSS.
(123, 3236)
PB(6)
(123,2970)
VBAT
(123, 2658)
PB(7)
(123,2345)
PD(5)
(123,2113)
PA(5)
(123,1386)
PA(6)
(123,1072)
PD(6)
(123, 835)
TEST
(123, 545)
VSS
(123, 310)
VREG
4050µm
PB(1)
(3787,3078)
PB(0)
(3787,2714)
PD(2)
(3787,2354)
PA(2)
(3787,2082)
PA(1)
(3787,1530)
PD(1)
(3787,1178)
NRESET (3787, 913)
VSS
(3787, 588)
VPP
(3787, 340)
XEMICS
Figure 1-6. Die dimension and pin location of the XE8807A
1.3 Pin assignment
The table below gives a short description of the different pin assignments.
Pin
Assignment
VBAT
Positive power supply
VSS
Negative power supply
VREG
Connection for the mandatory external capacitor of the voltage regulator
VPP
High voltage supply for flash memory programming (NC in ROM versions)
NRESET
Resets the circuit when the voltage is low
TEST
Sets the pin to flash programming mode
XIN/XOUT
Quartz crystal connections, also used for flash memory programming
PA(7:0)
Parallel input port A pins
PB(7:0)
Parallel I/O port B pins
PD(7:0)
Parallel I/O port D pins
Table 1-1. Pin assignment


Similar Part No. - XE8806A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
XE8801AMI027LF SEMTECH-XE8801AMI027LF Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI000 SEMTECH-XE8802MI000 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI035LF SEMTECH-XE8802MI035LF Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
More results

Similar Description - XE8806A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATS20 ETC2-ATS20 Datasheet
279Kb / 10P
   LOW-VOLTAGE ULTRA-LOW-POWER TEMPERATURE SENSOR
logo
Asahi Kasei Microsystem...
AP4400A AKM-AP4400A Datasheet
490Kb / 12P
   Ultra Low Power Voltage Detector
logo
Silicon Standard Corp.
SS6680 SSC-SS6680 Datasheet
570Kb / 10P
   Ultra Low Power Voltage Detector
logo
Asahi Kasei Microsystem...
AP4400AEC AKM-AP4400AEC Datasheet
363Kb / 11P
   Ultra Low Power Voltage Detector
logo
HuaXinAn Electronics CO...
AP4400A HUAXINAN-AP4400A Datasheet
493Kb / 12P
   Ultra Low Power Voltage Detector
logo
Analog Intergrations Co...
AIC1680 AIC-AIC1680 Datasheet
291Kb / 9P
   Ultra Low Power Voltage Detector
logo
Pan Jit International I...
CBD20120VFCT PANJIT-CBD20120VFCT Datasheet
87Kb / 4P
   Ultra low forward voltage drop, low power loss
CBD20200VDC PANJIT-CBD20200VDC Datasheet
98Kb / 5P
   Ultra Low forward voltage drop, low power loss
SBM3060VFCT PANJIT-SBM3060VFCT Datasheet
124Kb / 4P
   Ultra low forward voltage drop, low power loss
SBT1545LSS PANJIT-SBT1545LSS Datasheet
78Kb / 4P
   Ultra low forward voltage drop, low power losses
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com