Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE8805AMI028LF Datasheet(PDF) 8 Page - Semtech Corporation

Part # XE8805AMI028LF
Description  Data Acquisition MCU
Download  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

XE8805AMI028LF Datasheet(HTML) 8 Page - Semtech Corporation

Back Button XE8805AMI028LF Datasheet HTML 4Page - Semtech Corporation XE8805AMI028LF Datasheet HTML 5Page - Semtech Corporation XE8805AMI028LF Datasheet HTML 6Page - Semtech Corporation XE8805AMI028LF Datasheet HTML 7Page - Semtech Corporation XE8805AMI028LF Datasheet HTML 8Page - Semtech Corporation XE8805AMI028LF Datasheet HTML 9Page - Semtech Corporation XE8805AMI028LF Datasheet HTML 10Page - Semtech Corporation XE8805AMI028LF Datasheet HTML 11Page - Semtech Corporation XE8805AMI028LF Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 156 page
background image
© Semtech 2006
www.semtech.com
1-6
XE8805/05A
Package pin
name
Package pin
name
21
PB(4)
53
DAS_AI_M
22
PB(5)
54
DAS_AO
23
PB(6)
55
VBAT
24
PB(7)
56
VSS
25
DAB_R_P
57
VSS_REG
26
DAB_R_M
58
VREG
27
DAB_OUT
59
NC
28
DAB_AO_P
60
VMULT
29
DAB_AO_M
61
RESET
30
DAB_AI_P
62
OSCOUT
31
DAB_AI_M
63
OSCIN
32
NC
64
NC
Table 1-1. Bonding plan of the LQFP-64 package (LQFP 64L 10x10mm thick 1.6 mm)
1.3 Pin assignment
The table below gives a short description of the different pin assignments.
Pin
Assignment
VBAT
Positive power supply
VSS VSS_REG
Negative power supply
VREG
Connection for the mandatory external capacitor of the voltage regulator
VPP/TEST
High voltage supply for flash memory programming (NC in ROM versions)
RESET
Resets the circuit when the voltage is high
OSCIN/OSCOUT
Quartz crystal connections, also used for flash memory programming
PA(7:0)
Parallel input port A pins
PB(7:0)
Parallel I/O port B pins
PC(7:0)
Parallel I/O port C pins
AC_A(7:0)
Acquisition chain input pins
AC_R(3:0)
Acquisition chain reference pins
VMULT
Connection for the external capacitor if VBAT is below 3V
DAB_OUT
Bias D/A output
DAB_R_x
Bias D/A reference (x=P: plus, x=M: minus)
DAB_Ax_y
Bias D/A amplifier IO (x=I: input, x=O: output ; y=P: plus, y=M: minus)
DAS_OUT
Signal D/A output
DAS_AI_x
Signal D/A amplifier inputs (x=P: plus, x=M: minus)
DAS_AO
Signal D/A amplifier output
Table 1-2. Pin assignment
Table 1-3 gives a more detailed pin map for the different pins. It also indicates the possible I/O configuration of
these pins. The indications in blue bold are the configuration at start-up.
The pins CNTx pins are possible counter inputs, PWMx are possible PWM outputs.


Similar Part No. - XE8805AMI028LF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
XE8801AMI027LF SEMTECH-XE8801AMI027LF Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI000 SEMTECH-XE8802MI000 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
XE8802MI035LF SEMTECH-XE8802MI035LF Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
More results

Similar Description - XE8805AMI028LF

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE8802 SEMTECH-XE8802 Datasheet
1Mb / 193P
   Sensing Machine Data Acquisition MCU
logo
Intersil Corporation
ADC0801 INTERSIL-ADC0801 Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
MAX44000EVSYS MAXIM-MAX44000EVSYS Datasheet
2Mb / 25P
   Continuous Data Acquisition
Rev 0; 11/11
logo
Pico Technology Ltd.
1000 PICO-1000 Datasheet
1Mb / 8P
   Multipurpose data acquisition
1000_SER PICO-1000_SER Datasheet
2Mb / 2P
   Multi-channel data acquisition
2013 - 2014
logo
Semtech Corporation
XE8801A SEMTECH-XE8801A Datasheet
1Mb / 135P
   Data Acquisition with ZoomingADC?
logo
National Instruments Co...
NIPCI-4351 NI-NIPCI-4351 Datasheet
649Kb / 6P
   High-Precision Data Acquisition
logo
List of Unclassifed Man...
XE88LC02 ETC1-XE88LC02 Datasheet
2Mb / 184P
   Sensing Machine Data Acquisition MCU with 16 10 bit ZoomingADC and LCD driver
logo
Toshiba Semiconductor
TLP598GA TOSHIBA-TLP598GA_14 Datasheet
180Kb / 5P
   Telecommunication Data Acquisition Measurement Instrumentation
logo
Keysight Technologies
34901A KEYSIGHT-34901A Datasheet
4Mb / 28P
   Data Acquisition/Switch Unit Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com