Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISLA216P Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISLA216P
Description  16-Bit, 250MSPS/200MSPS/130MSPS ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISLA216P Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISLA216P Datasheet HTML 4Page - Intersil Corporation ISLA216P Datasheet HTML 5Page - Intersil Corporation ISLA216P Datasheet HTML 6Page - Intersil Corporation ISLA216P Datasheet HTML 7Page - Intersil Corporation ISLA216P Datasheet HTML 8Page - Intersil Corporation ISLA216P Datasheet HTML 9Page - Intersil Corporation ISLA216P Datasheet HTML 10Page - Intersil Corporation ISLA216P Datasheet HTML 11Page - Intersil Corporation ISLA216P Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
ISLA216P
8
FN7574.0
January 13, 2011
Total Power Dissipation
Normal Mode
PD
2mA LVDS
771
706
603
mW
3mA LVDS
786
846
720
770
616
662
mW
Nap Mode
PD
88
103
83
99
77
94
mW
Sleep Mode
PD
CSB at logic high
7
19
7
19
7
19
mW
Nap/Sleep Mode
Wakeup Time
Sample Clock Running
200
400
630
µs
AC SPECIFICATIONS
Differential Nonlinearity
DNL
fIN = 30MHz
No Missing Codes
-0.99
±0.35
-0.99
±0.25
-0.99
±0.25
LSB
Integral Nonlinearity
INL
fIN = 30MHz
±10
±6
±5
LSB
Minimum Conversion
Rate (Note 7)
fS MIN
40
40
40
MSPS
Maximum Conversion
Rate
fS MAX
250
200
130
MSPS
Signal-to-Noise Ratio
(Note 8)
SNR
fIN = 30MHz
75.0
76.6
77.5
dBFS
fIN = 105MHz
71.7
74.9
74.8
76.4
75.5
76.9
dBFS
fIN = 190MHz
74.2
75.3
75.3
dBFS
fIN = 363MHz
72.1
72.6
72.4
dBFS
fIN = 461MHz
71.1
71.1
70.8
dBFS
fIN = 605MHz
69.2
69.2
68.9
dBFS
Signal-to-Noise and
Distortion
(Note 8)
SINAD
fIN = 30MHz
74.7
76.5
77.4
dBFS
fIN = 105MHz
70.0
74.1
73.2
76.1
72.6
76.1
dBFS
fIN = 190MHz
73.1
74.7
74.6
dBFS
fIN = 363MHz
71.6
71.7
71.9
dBFS
fIN = 461MHz
69.2
68.6
67.9
dBFS
fIN = 605MHz
65.7
64.9
66.3
dBFS
Effective Number of Bits
(Note 8)
ENOB
fIN = 30MHz
12.12
12.42
12.56
Bits
fIN = 105MHz
11.34 12.02
11.87 12.35
11.77 12.35
Bits
fIN = 190MHz
11.85
12.12
12.10
Bits
fIN = 363MHz
11.60
11.62
11.65
Bits
fIN = 461MHz
11.20
11.10
10.99
Bits
fIN = 605MHz
10.62
10.49
10.72
Bits
Electrical Specifications All specifications apply under the following conditions unless otherwise noted: AVDD = 1.8V,
OVDD = 1.8V, TA = -40°C to +85°C (typical specifications at +25°C), AIN = -2dBFS, fSAMPLE = Maximum Conversion Rate (per speed grade).
Boldface limits apply over the operating temperature range, -40°C to +85°C.
(Continued)
PARAMETER
SYMBOL
CONDITIONS
ISLA216P25
ISLA216P20
ISLA216P13
UNITS
MIN
(Note 5) TYP
MAX
(Note 5)
MIN
(Note 5) TYP
MAX
(Note 5)
MIN
(Note 5) TYP
MAX
(Note 5)


Similar Part No. - ISLA216P

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P INTERSIL-ISLA216P Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA216P13 RENESAS-ISLA216P13 Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P13 RENESAS-ISLA216P13 Datasheet
1Mb / 34P
   High Performance 14-Bit, 125MSPS ADC
More results

Similar Description - ISLA216P

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P13IRZ INTERSIL-ISLA216P13IRZ Datasheet
1,010Kb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
December 10, 2012
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
logo
Renesas Technology Corp
ISLA214P RENESAS-ISLA214P Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Intersil Corporation
ISLA222P INTERSIL-ISLA222P Datasheet
943Kb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Renesas Technology Corp
ISLA224P RENESAS-ISLA224P Datasheet
1Mb / 34P
   Dual 14-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA222P RENESAS-ISLA222P Datasheet
1Mb / 33P
   Dual 12-Bit, 250MSPS/200MSPS/130MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com