Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC7455 Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC7455
Description  Closed Caption Signal Extraction IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7455 Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC7455 Datasheet HTML 1Page - Sanyo Semicon Device LC7455 Datasheet HTML 2Page - Sanyo Semicon Device LC7455 Datasheet HTML 3Page - Sanyo Semicon Device LC7455 Datasheet HTML 4Page - Sanyo Semicon Device LC7455 Datasheet HTML 5Page - Sanyo Semicon Device LC7455 Datasheet HTML 6Page - Sanyo Semicon Device LC7455 Datasheet HTML 7Page - Sanyo Semicon Device LC7455 Datasheet HTML 8Page - Sanyo Semicon Device LC7455 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
No. 5680-4/13
LC7455A, 7455M
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VDD max
VDD1, VDD2: VDD1 = VDD2
–0.3 to +7.0
V
Input voltage
VI
HS/CFIN, CVIN, SCKIN, CE
–0.3 to VDD +0.3
V
Output voltage
VO
LN21, CPDT, O/E/CFOUT, HS/CFIN
–0.3 to VDD +0.3
V
Allowable power dissipation
Pd max
LC7455A
300
mW
LC7455M
150
mW
Operating temperature
Topr
–30 to +70
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C, VSS = 0 V
Note: VSS1 and VSS2 must be at the same potential.
VDD1 and VDD2 must be at the same potential.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating supply voltage
VDD
VDD1, VDD2 : VDD1 = VDD2
4.5
5.5
V
Input high-level voltage
VIH
HS/CFIN, SCKIN, CE;
0.75 VDD
VDD
V
VDD = 4.5 to 5.5 V
Input low-level voltage
VIL
HS/CFIN, SCKIN, CE;
VSS
0.25VDD
V
VDD = 4.5 to 5.5 V
CVIN input amplitude
CVSYNC
CVIN : SYNC-WHITE = 1.0 V;
1Vp-p – 3dB
1Vp-p
1Vp-p + 3 dB
V
VDD = 4.5 to 5.5 V
HS/CFIN : VDD = 4.5 V
HS input frequency range
fH
For mode 3
15.23
15.73
16.23
kHz
For mode 4
15.13
15.63
16.13
kHz
HS/CFIN, O/E/CFOUT;
Oscillator frequency range*1
FmCF
For mode 2, see Figure 1.
503
508
513
kHz
VDD = 4.5 to 5.5 V
HS/CFIN, O/E/CFOUT;
Oscillator stabilization time*2
tmsCF
For mode 2, see Figure 2.
0.5
5
ms
VDD = 4.5 to 5.5 V
Allowable Operating Ranges at Ta = –30 to +70°C, VSS = 0 V
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Input high-level current
IIH
HS/CFIN, SCKIN, CE : VIN = VDD;
1
µA
VDD = 4.5 to 5.5 V
Input low-level current
IIL
HS/CFIN, SCKIN, CE : VIN = VSS;
–1
µA
VDD = 4.5 to 5.5 V
Output high-level voltage
VOH
LN21, O/E/CFOUT, HS/CFIN;
VDD – 1.2
V
IOH = –4 mA ; VDD = 4.5 to 5.5 V
Output low-level voltage
VOL
LN21, CPDT, O/E/CFOUT,
1
V
HS/CFIN : IOL = 10 mA; VDD = 4.5 to 5.5 V
Input clamping voltage
VCLMP
CVIN ; VDD = 5.0 V
2.3
2.5
2.7
V
Input clamping current
IIC
CVIN : CVIN = 3 V ; VDD = 5.0 V
5
10
18
µA
Output clamping current
IOC
CVIN : CVIN = 2 V ; VDD = 5.0 V
–120
–70
–30
µA
Current drain
IDD
VDD1, VDD2 ; VDD = 4.5 to 5.5 V
6
15
mA
Electrical Characteristics at Ta = –30 to +70°C, VSS = 0 V.
Note: 1. See Table 1 for more information on the oscillator frequency.
2. The oscillator stabilization time is the time required until the oscillator is stable after the power-supply voltage is applied. See figure 2.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Serial clock]
Input clock period
tCKCY
SCKIN : See Figure 3.
1
µs
Input clock low-level pulse width
tCKL
SCKIN : See Figure 3.
0.5
µs
Input clock high-level pulse width
tCKH
SCKIN : See Figure 3.
0.5
µs
Setup time
tICK
SCKIN : Stipulated with respect to the falling
1
µs
edge of CE.
[Serial output]
Output delay time
tCKO
0.5
µs
Serial Output Characteristics at Ta = –30 to +70°C, VSS = 0 V, VDD = 4.5 to 5.5 V
Stipulated with respect to the falling edge of
SCKIN. A 1-k
Ω external pull-up resistor is
connected. See Figure 3.


Similar Part No. - LC7455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7454A SANYO-LC7454A Datasheet
704Kb / 16P
   CMOS Data Slicer
LC7454M SANYO-LC7454M Datasheet
704Kb / 16P
   CMOS Data Slicer
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
   U.S. Closed Caption Signal Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
More results

Similar Description - LC7455

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7456A SANYO-LC7456A Datasheet
24Kb / 6P
   U.S. Closed Caption Signal Extraction IC
LA7945N SANYO-LA7945N Datasheet
185Kb / 9P
   Closed Caption Signal (US specifications) Extraction IC
LC7458B-04 SANYO-LC7458B-04 Datasheet
259Kb / 12P
   Closed-Caption Decoder LSI
logo
Motorola, Inc
MC144144 MOTOROLA-MC144144 Datasheet
567Kb / 44P
   Enhanced Closed-Caption Decoder CMOS
logo
NXP Semiconductors
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
   TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
logo
Zilog, Inc.
Z8622812PSG ZILOG-Z8622812PSG Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z86228 ZILOG-Z86228 Datasheet
87Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER (L21C)
Z8622812PSC ZILOG-Z8622812PSC Datasheet
258Kb / 7P
   LINE 21 CLOSED CAPTION CONTROLLER(L21C)
Z86128 ZILOG-Z86128 Datasheet
1,010Kb / 27P
   L21C-TM LINE 21 CLOSED-CAPTION CONTROLLER
logo
RF Monolithics, Inc
IC1000 RFM-IC1000 Datasheet
89Kb / 4P
   Data/Clock Extraction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com