Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC846BPDW Datasheet(PDF) 9 Page - Weitron Technology

Part # BC846BPDW
Description  NPN/PNP Dual General Purpose Transistors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC846BPDW Datasheet(HTML) 9 Page - Weitron Technology

  BC846BPDW Datasheet HTML 1Page - Weitron Technology BC846BPDW Datasheet HTML 2Page - Weitron Technology BC846BPDW Datasheet HTML 3Page - Weitron Technology BC846BPDW Datasheet HTML 4Page - Weitron Technology BC846BPDW Datasheet HTML 5Page - Weitron Technology BC846BPDW Datasheet HTML 6Page - Weitron Technology BC846BPDW Datasheet HTML 7Page - Weitron Technology BC846BPDW Datasheet HTML 8Page - Weitron Technology BC846BPDW Datasheet HTML 9Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
0.5 mm (min)
1.9 mm
BC846BPDW Series
WEITRON
http://www.weitron.com.tw
09-Oct-08
9/9
SOT-363 Package Outline Dimensions
Unit:mm
1
2
3
A
K
J
M
L
6
5
4
B
D
H
E
C
Dim
A
B
C
D
E
H
J
K
L
M
Min
0.10
1.15
2.00
0.30
1.80
-
0.80
0.25
0.10
0.65 REF
Max
0.30
1.35
2.20
0.40
2.20
0.10
1.10
0.40
0.25
SOT-363


Similar Part No. - BC846BPDW

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
BC846BPDW YEASHIN-BC846BPDW Datasheet
1,004Kb / 9P
   Pb?묯ree Package is Available
logo
AiT Semiconductor Inc.
BC846BPDW AITSEMI-BC846BPDW Datasheet
987Kb / 11P
   GENERAL PURPOSE TRANSISTOR NPN/PNP DUAL (COMPLIMENTARY)
REV1.1
logo
ON Semiconductor
BC846BPDW1 ONSEMI-BC846BPDW1 Datasheet
178Kb / 17P
   Dual General Purpose Transistors
October, 2013 ??Rev. 9
BC846BPDW1 ONSEMI-BC846BPDW1 Datasheet
142Kb / 17P
   Dual General Purpose Transistors
April, 2016 ??Rev. 12
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
More results

Similar Description - BC846BPDW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMDT2227DW WEITRON-MMDT2227DW Datasheet
131Kb / 5P
   NPNPNP Dual General Purpose Transistors
logo
Leshan Radio Company
LBC817-16DPMT1G LRC-LBC817-16DPMT1G Datasheet
502Kb / 5P
   Dual General Purpose Transistors NPN/PNP Duals
logo
ON Semiconductor
BC846BPDW1T1 ONSEMI-BC846BPDW1T1 Datasheet
166Kb / 10P
   Dual General Purpose Transistors(NPN/PNP Duals)
June, 2004 ??Rev. 3
logo
Cystech Electonics Corp...
HBNP45S6R CYSTEKEC-HBNP45S6R Datasheet
179Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
HBNP2227S6R CYSTEKEC-HBNP2227S6R Datasheet
169Kb / 6P
   General Purpose NPN / PNP Epitaxial Planar Transistors (dual transistors)
logo
NXP Semiconductors
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
   NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
   NPN/PNP general purpose transistors
2004 Oct 15
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
   NPN/PNP general purpose transistors
2001 Nov 07
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
   NPN/PNP general purpose transistors
2004 Oct 15
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
   NPN/PNP general purpose transistors
2001 Nov 07
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com