Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC807-16 Datasheet(PDF) 2 Page - Weitron Technology

Part # BC807-16
Description  General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BC807-16 Datasheet(HTML) 2 Page - Weitron Technology

  BC807-16_08 Datasheet HTML 1Page - Weitron Technology BC807-16_08 Datasheet HTML 2Page - Weitron Technology BC807-16_08 Datasheet HTML 3Page - Weitron Technology BC807-16_08 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
WEITRON
WE IT R ON
BC807-16/BC807-25
V
V
DC Current Gain
(IC= -100mA, VCE=-1.0V)
(IC= -500mA,VCE=-1.0V)
Collector-Emitter Saturation Voltage
(IC= -500mA, IB=50mA)
Base-Emitter On Voltage
(IC= -500mA, IB=-1.0V)
hFE
VCE(sat)
VBE(on)
On Characteristics
-
-
-
-
-
-
-
-
-
-0.7
-1.2
-
-
-
-
-
-
Small-signal Characteristics
Current-Gain-Bandwidth Product
(IC= -10mA, VCE= -5.0VDC, f=100MHz)
Output Capacitance
(VCB= -10V, f=1.0MHz)
fT
Cobo
MHz
pF
100
-
10
-
-
-
http://www.weitron.com.tw
Characteristics
Symbol
Min
Max
Unit
Electrical Characteristics (TA=25 C Unless Otherwise noted)
Typ
BC807-40
BC807-16
BC807-25
BC807-40
100
160
250
40
250
400
600
Characteristics
Symbol
Min
Max
Unit
Electrical Characteristics (TA=25 C Unless Otherwise noted)
Typ
Collector-Emitter Breakdown Voltage
(IC= -10mA)
Collector-Emitter Breakdown Voltage
(IC=-10 µA ,VEB=0)
Emitter-Base Breakdown Voltage
(IE=-1.0 µA)
Collector Cutoff Current (VCB=20V)
(VCB=20V, TA=150 C)
V(BR)CEO
V(BR)CES
V(BR)EBO
ICBO
nA
mA
Off Characteristics
V
V
V
-45
-50
-5.0
-
-
-
-
-
-
-
-
-
-
100
5.0


Similar Part No. - BC807-16_08

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
BC807-16-25-40-SOT23 YFWDIODE-BC807-16-25-40-SOT23 Datasheet
2Mb / 3P
   PNP Transistors
logo
Diodes Incorporated
BC807-16-7 DIODES-BC807-16-7 Datasheet
59Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 9 - 2
BC807-16-7-F DIODES-BC807-16-7-F Datasheet
311Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS11208 Rev. 15 - 2
logo
Pan Jit International I...
BC807-16-AU PANJIT-BC807-16-AU Datasheet
542Kb / 6P
   Silicon PNP General Purpose Transistors
April 19,2019-REV.07
BC807-16-AU_R1_000A1 PANJIT-BC807-16-AU_R1_000A1 Datasheet
542Kb / 6P
   Silicon PNP General Purpose Transistors
April 19,2019-REV.07
More results

Similar Description - BC807-16_08

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW65ALT1 MOTOROLA-BCW65ALT1 Datasheet
84Kb / 4P
   General Purpose Transistor
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com