Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54SDW Datasheet(PDF) 3 Page - Weitron Technology

Part # BAT54SDW
Description  Surface Mount Schottky Barrier Diodes Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

BAT54SDW Datasheet(HTML) 3 Page - Weitron Technology

  BAT54SDW Datasheet HTML 1Page - Weitron Technology BAT54SDW Datasheet HTML 2Page - Weitron Technology BAT54SDW Datasheet HTML 3Page - Weitron Technology BAT54SDW Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
WEITRON
BAT54TDW/BAT54CDW
BAT54BRW
BAT54ADW/BAT54SDW
http://www.weitron.com.tw
+10V
820
2.0K
100 µH
0.1µF
50
OUTPUT
PULSE
GENERATOR
50
INPUT
SAMPLING
OSCILLOSCOPE
IF
D.U.T.
0.1µF
VR
INPUT SIGNAL
tr
tp
10%
90%
t
IF
IR
trr
t
IR(REC)=1.0mA
OUTPUT PULSE
(IF=IR=10mA, MEASURED
AT IR(REC)=1.0mA)
Notes:1. A 2.0 k
variable resistor for a Forward Current (IF) 0f 10 mA
2. Input pules is adjusted so IR(peak) is equal to 10 mA
3. tp trr
»
Device Marking
Item
Marking
Eqivalent Circuit diagram
6
1
5
2
4
3
6
1
3
5
4
2
6
1
3
5
4
2
2
3
5
4
1
6
2
1
6
3
5
4
BAT54TDW
BAT54ADW
BAT54BRW
KLB
BAT54CDW
BAT54SDW
KL6
KL7
KL8
KLA
FIG.1 Recovery Time Equivalent Test Circuit
WEITRON
3/4
25-Feb-2011


Similar Part No. - BAT54SDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54SDW DIODES-BAT54SDW Datasheet
83Kb / 4P
   Sub-miniature Schottky Diodes & Arrays in
logo
SeCoS Halbleitertechnol...
BAT54SDW SECOS-BAT54SDW Datasheet
494Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
BAT54SDW DIODES-BAT54SDW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
Guangdong Kexin Industr...
BAT54SDW KEXIN-BAT54SDW Datasheet
551Kb / 1P
   Schottky Diodes
logo
Weitron Technology
BAT54SDW WEITRON-BAT54SDW Datasheet
533Kb / 4P
   Surface Mount Schottky Barrier Diodes Arrays
More results

Similar Description - BAT54SDW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAT54ADW WEITRON-BAT54ADW Datasheet
533Kb / 4P
   Surface Mount Schottky Barrier Diodes Arrays
logo
Pan Jit International I...
BAS70TW PANJIT-BAS70TW_16 Datasheet
404Kb / 6P
   SURFACE MOUNT SCHOTTKY DIODES ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW_1 Datasheet
94Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
logo
Jiangsu Changjiang Elec...
FBAS40BRW JIANGSU-FBAS40BRW Datasheet
229Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS40DW-05 JIANGSU-FBAS40DW-05 Datasheet
227Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70DW-04 JIANGSU-FBAS70DW-04 Datasheet
208Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAS70TW JIANGSU-FBAS70TW Datasheet
211Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
FBAT54CDW JIANGSU-FBAT54CDW Datasheet
182Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
logo
Diodes Incorporated
BAT54TW DIODES-BAT54TW_15 Datasheet
130Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
BAS40TW DIODES-BAS40TW_1 Datasheet
80Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30156 Rev. 10 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com