Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HLG-185 Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # HLG-185
Description  185W Single Output Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

HLG-185 Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  HLG-185_11 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. HLG-185_11 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. HLG-185_11 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. HLG-185_11 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. HLG-185_11 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. HLG-185_11 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
fosc:100KHz
DeratingCurve
StaticCharacteristics
AMBIENTTEMPERATURE( )
-40
-25
-10
0
15
30
50
60
70
20
40
60
80
100
INPUTVOLTAGE(V)60Hz
90
100
125
135
145
155 165
175
180
200
230
264
100
90
80
70
60
50
40
(HORIZONTAL)
DIM+
(B Type)
DIM-
Fosc:100KHz
DETECTION
CIRCUIT
EMIFILTER
RECTIFIERS
POWER
SWITCHING
FILTER
&
RECTIFIERS
+V
-V
I/P
FG
CONTROL
O.V.P.
&
O.L.P.
PFC
CIRCUIT
BlockDiagram
300 20
SJTW18AWG 3C
228
204
12
9.6
4.2 4PL
300 20
+V(Red)
-V(Black)
FG(Green/Yellow)
AC/L(Brown)
AC/N(Blue)
SJTW18AWG 2C
SJTW14AWG 2C
PFC
CONTROL
O.L.P.
O.T.P.
DIM+(Blue)
DIM-(White)
PWM
60K
60%
60%
10K
1V
4V
7V
2V
5V
8V
3V
6V
9V
10V
10%
10%
20K
20%
20%
30K
30%
30%
40K
40%
40%
50K
50%
50%
70K
70%
70%
80K
80%
80%
90K
100K
OPEN
OPEN
OPEN
90%
90%
100%
100%
Resistancevalue
Dimmingvalue
Percentageofratedcurrent
Percentageofratedcurrent
IP67rated.Outputconstantcurrentlevelcanbeadjustedthroughoutputcablebyconnectingaresistoror1~10Vdcor10VPWM
signalbetweenDIM+andDIM-.
Referenceresistancevalueforoutputcurrentadjustment(Typical)
PleaseDONOT connect "DIM-"to"-V".
1~10Vdimmingfunctionforoutputcurrentadjustment (Typical)
60%
60%
10%
10%
20%
20%
30%
30%
40%
40%
50%
50%
70%
70%
80%
80%
90%
90%
100%
100%
Dutyvalue
Percentageofratedcurrent
102%~108%
102%~108%
102%~108%
10VPWMsignalforoutputcurrentadjustment (Typical):Frequencyrange:100HZ~3KHz
185WSingleOutputSwitchingPowerSupply
H L G - 1 8 5 series
BType:(HLG-185-_B)
FileName:HLG-185-SPEC2011-01-31


Similar Part No. - HLG-185_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
More results

Similar Description - HLG-185_11

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
HLG-185H MEANWELL-HLG-185H_11 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185 Datasheet
297Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H_1107 MEANWELL-HLG-185H_1107 Datasheet
323Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H_12 Datasheet
324Kb / 6P
   185W Single Output Switching Power Supply
HLG-185H MEANWELL-HLG-185H Datasheet
298Kb / 6P
   185W Single Output Switching Power Supply
HLG-185_1107 MEANWELL-HLG-185_1107 Datasheet
322Kb / 6P
   185W Single Output Switching Power Supply
HEP-185 MEANWELL-HEP-185 Datasheet
89Kb / 4P
   185W Single Output Switching Power Supply
HLG-185 MEANWELL-HLG-185_12 Datasheet
321Kb / 6P
   185W Single Output Switching Power Supply
LDV-185 MEANWELL-LDV-185_12 Datasheet
1Mb / 3P
   185W Multple Channel Output Switching Power Supply
LDV-185_1112 MEANWELL-LDV-185_1112 Datasheet
506Kb / 3P
   185W Multiple Channel Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com