Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC74411 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC74411
Description  PIP Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74411 Datasheet(HTML) 6 Page - Sanyo Semicon Device

Back Button LC74411 Datasheet HTML 2Page - Sanyo Semicon Device LC74411 Datasheet HTML 3Page - Sanyo Semicon Device LC74411 Datasheet HTML 4Page - Sanyo Semicon Device LC74411 Datasheet HTML 5Page - Sanyo Semicon Device LC74411 Datasheet HTML 6Page - Sanyo Semicon Device LC74411 Datasheet HTML 7Page - Sanyo Semicon Device LC74411 Datasheet HTML 8Page - Sanyo Semicon Device LC74411 Datasheet HTML 9Page - Sanyo Semicon Device LC74411 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Application Examples
• Exclusion of the masked area from a letterbox screen
• Small display
Minimizes the hidden sections of the main screen.
Internal Control Registers
0: These bits must be set to 0.
No. 5519-6/14
LC74411N, LC74411NE
Bit
MSB
LSB
Function
Address
7
6
5
4
3
2
1
0
00H
SBY
STL
NT/PAL
D-BLUE
D-FIX
FILD
VDF-C0
POUT
Mode settings
01H
VP7
VP6
VP5
VP4
VP3
VP2
VP1
VP0
Vertical display position
02H
HP7
HP6
HP5
HP4
HP3
HP2
HP1
HP0
Horizontal display position
03H
0
SIZE-V
SIZE-H
DAFRM
YFC5
YFC4
YFC3
YFC2
Sub-screen size, frame color
04H
RFC5
RFC4
RFC3
RFC2
BFC5
BFC4
BFC3
BFC2
Frame color
05H
0
0
0
PLL4
PLL3
PLL2
PLL1
PLL0
PLL value
06H
PHP-M
PHP-S
WPE
WP-MOD
WTOP
WBOT
WLEFT
WRIGHT
Wipe
07H
0
0
VBS5
VBS4
VBS3
VBS2
VBS1
VBS0
Vertical display range
08H
0
0
HBS5
HBS4
HBS3
HBS2
HBS1
HBS0
Horizontal display range
09H
V-BLK
H-BLK
CL-AJ1
CL-AJ0
WV-AJ1
WV-AJ0
WH-AJ1
WH-AJ0
Fine adjustment
0AH
0
YC-AJ2
YC-AJ1
YC-AJ0
YCFAJ1
YCFAJ0
FM-AJ1
FM-AJ0
Fine adjustment
0BH
DAC1-7
DAC1-6
DAC1-5
DAC1-4
DAC1-3
DAC1-2
DAC1-1
DAC1-0
PWMDAC
0CH
DAC2-7
DAC2-6
DAC2-5
DAC2-4
DAC2-3
DAC2-2
DAC2-1
DAC2-0
PWMDAC
0DH
DAC3-7
DAC3-6
DAC3-5
DAC3-4
DAC3-3
DAC3-2
DAC3-1
DAC3-0
PWMDAC
0EH
DAC4-7
DAC4-6
DAC4-5
DAC4-4
DAC4-3
DAC4-2
DAC4-1
DAC4-0
PWMDAC
0FH
DAC5-7
DAC5-6
DAC5-5
DAC5-4
DAC5-3
DAC5-2
DAC5-1
DAC5-0
PWMDAC
10H
DAC6-7
DAC6-6
DAC6-5
DAC6-4
DAC6-3
DAC6-2
DAC6-1
DAC6-0
PWMDAC
11H
PORT7
PORT6
PORT5
PORT4
PORT3
PORT2
PORT1
PORT0
General-purpose ports


Similar Part No. - LC74411

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7441 SANYO-LC7441 Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441N SANYO-LC7441N Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
LC7441NE SANYO-LC7441NE Datasheet
437Kb / 21P
   Picture-in-picture Controller for TVs and VCRs
More results

Similar Description - LC74411

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC7442 SANYO-LC7442 Datasheet
404Kb / 22P
   PIP Controller?
logo
NXP Semiconductors
SAB9077H PHILIPS-SAB9077H Datasheet
192Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 07
SAB9076H PHILIPS-SAB9076H Datasheet
235Kb / 32P
   Picture-In-Picture PIP controller
1996 Aug 13
logo
Motorola, Inc
MC44460 MOTOROLA-MC44460 Datasheet
442Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
MC44461 MOTOROLA-MC44461 Datasheet
317Kb / 16P
   PICTURE?밒N?밣ICTURE (PIP) CONTROLLER
logo
NXP Semiconductors
SAB9081 PHILIPS-SAB9081 Datasheet
101Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
SAB9079HS PHILIPS-SAB9079HS Datasheet
183Kb / 48P
   Multistandard Picture-In-Picture PIP controller
2000 Jan 13
SAB9082 PHILIPS-SAB9082 Datasheet
102Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9080 PHILIPS-SAB9080 Datasheet
99Kb / 24P
   NTSC Picture-In-Picture PIP controller
1999 Nov 12
SAB9083 PHILIPS-SAB9083 Datasheet
104Kb / 24P
   Multistandard Picture-In-Picture PIP controller
1999 Nov 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com