Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B320A Datasheet(PDF) 3 Page - Weitron Technology

Part # B320A
Description  Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

B320A Datasheet(HTML) 3 Page - Weitron Technology

  B320A_09 Datasheet HTML 1Page - Weitron Technology B320A_09 Datasheet HTML 2Page - Weitron Technology B320A_09 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
B320A thru B360A
http://www.weitron.com.tw
FIG.5 Typical Reverse Characteristics
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
0
20
40
60
80
100
120
140
100
10
1.0
0.1
0.01
0.001
TJ=125 C
TJ=100 C
TJ=25 C
FIG.3 Typical Forward Characteristics
INSTANTANEOUS FORWARD VOLTAGE, (VOLTS)
10
1.0
0.1
.01
0
0.2
0.4
0.6
0.8
1.0
B320A to B340A
B350A to B360A
TJ=25 C
PULSEWIDTH:300us
REVERSE VOLTAGE , (VOLTS)
0.1
1.0
4.0
10.0
100
TJ=25 C F=1MHz
1000
100
10
FIG.4 Typical Junction Capacitance
FIG.1 Forward Current Derating Curve
LEAD TEMPERATURE , C
25
50
75
100
125
150
175
SIGNE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.2MaximumNon-RepetitiveSurgeCurr ent
NUMBEROF CYCLES AT60Hz
PULSE WIDTH 8.3ms
SINGLE MALF-SINE-WAVE
(JEDEC METHOD)
1
2
5
10
20
50
100
120
80
40
0
20
60
100
0
1.0
2.0
3.0
4.0
5.0
WEITRON
Rev.B 03-Jul-09
3/3


Similar Part No. - B320A_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B320A DIODES-B320A_09 Datasheet
147Kb / 4P
   3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - B320A_09

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com