Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTPS717MCTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTPS717MCTA
Description  12V PNP LOW SATURATION TRANSISTOR AND
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTPS717MCTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTPS717MCTA Datasheet HTML 1Page - Diodes Incorporated ZXTPS717MCTA Datasheet HTML 2Page - Diodes Incorporated ZXTPS717MCTA Datasheet HTML 3Page - Diodes Incorporated ZXTPS717MCTA Datasheet HTML 4Page - Diodes Incorporated ZXTPS717MCTA Datasheet HTML 5Page - Diodes Incorporated ZXTPS717MCTA Datasheet HTML 6Page - Diodes Incorporated ZXTPS717MCTA Datasheet HTML 7Page - Diodes Incorporated ZXTPS717MCTA Datasheet HTML 8Page - Diodes Incorporated ZXTPS717MCTA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXTPS717MC
Document Number DS31936 Rev. 2 - 2
3 of 10
www.diodes.com
January 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZXTPS717MC
Thermal Characteristics and Derating information, Transistor


Similar Part No. - ZXTPS717MCTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTPS718MC DIODES-ZXTPS718MC Datasheet
270Kb / 10P
   20V PNP LOW SATURATION TRANSISTOR AND
ZXTPS718MCTA DIODES-ZXTPS718MCTA Datasheet
270Kb / 10P
   20V PNP LOW SATURATION TRANSISTOR AND
More results

Similar Description - ZXTPS717MCTA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTP07012EFF DIODES-ZXTP07012EFF Datasheet
381Kb / 7P
   12V PNP LOW SATURATION TRANSISTOR
ZXTP717MA DIODES-ZXTP717MA_15 Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXTP717MA DIODES-ZXTP717MA Datasheet
164Kb / 7P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT1M322 ZETEX-ZXT1M322 Datasheet
188Kb / 6P
   12V PNP LOW SATURATION SWITCHING TRANSISTOR
logo
Diodes Incorporated
ZXT13P12DE6 DIODES-ZXT13P12DE6 Datasheet
423Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXTD1M832 DIODES-ZXTD1M832 Datasheet
429Kb / 6P
   DUAL 12V PNP LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX DIODES-ZXT14P12DX Datasheet
266Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
logo
Zetex Semiconductors
ZXT10P12DE6 ZETEX-ZXT10P12DE6 Datasheet
232Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT13P12DE6 ZETEX-ZXT13P12DE6 Datasheet
413Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
ZXT14P12DX ZETEX-ZXT14P12DX Datasheet
261Kb / 6P
   12V PNP SILICON LOW SATURATION SWITCHING TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com