Electronic Components Datasheet Search |
|
VCE6467T Datasheet(PDF) 1 Page - Texas Instruments |
|
VCE6467T Datasheet(HTML) 1 Page - Texas Instruments |
1 / 352 page VCE6467T, AVCE6467T www.ti.com SPRS690 – MARCH 2011 VCE6467T, AVCE6467T Digital Media System-on-Chip Check for Samples: VCE6467T, AVCE6467T 1 Digital Media System-on-Chip (DMSoC) 1.1 Features 12 Set-Associative) • High-Performance Digital Media SoC – 128K-Byte L2 Unified Mapped RAM/Cache – 1-GHz C64x+™ Clock Rate (Flexible RAM/Cache Allocation) – 500-MHz ARM926EJ-S™ Clock Rate • ARM926EJ-S Core – Eight 32-Bit C64x+ Instructions/Cycle – Support for 32-Bit and 16-Bit (Thumb® – 8000 C64x+ MIPS Mode) Instruction Sets – Fully Software-Compatible With C64x / – DSP Instruction Extensions and Single Cycle ARM9™ MAC – Industrial Temperature Devices Available – ARM® Jazelle® Technology • Advanced Very-Long-Instruction-Word (VLIW) – EmbeddedICE-RT™ Logic for Real-Time TMS320C64x+™ DSP Core Debug – Eight Highly Independent Functional Units • ARM9 Memory Architecture • Six ALUs (32-/40-Bit), Each Supports – 16K-Byte Instruction Cache Single 32-Bit, Dual 16-Bit, or Quad 8-Bit – 8K-Byte Data Cache Arithmetic per Clock Cycle – 32K-Byte RAM • Two Multipliers Support Four 16 x 16-Bit Multiplies (32-Bit Results) per Clock – 8K-Byte ROM Cycle or Eight 8 x 8-Bit Multiplies (16-Bit • Video Communications Engine Software Results) per Clock Cycle – Point-to-Point SIP Video Calling – Load-Store Architecture With Non-Aligned – Up to 720p30 Resolution and Frame Rate Support – Low-Latency and A/V Synchronization – 64 32-Bit General-Purpose Registers – Integrated Bandwidth Management Control – Instruction Packing Reduces Code Size – Basic Package Included [AVCE6467T Only] – All Instructions Conditional – Forward Error Correction (FEC) [AVCE6467T – Additional C64x+™ Enhancements Only] • Protected Mode Operation – Audio Codecs • Exceptions Support for Error Detection • G.711 and Program Redirection • G.722 [AVCE6467T Only] • Hardware Support for Modulo Loop – Video Codecs Operation • H.264 AVC • C64x+ Instruction Set Features • H.264 SVC (Scalable Video Coding) – Byte-Addressable (8-/16-/32-/64-Bit Data) [AVCE6467T Only] – 8-Bit Overflow Protection • Embedded Trace Buffer™ (ETB11™) With 4KB – Bit-Field Extract, Set, Clear Memory for ARM9 Debug – Normalization, Saturation, Bit-Counting • Endianness: Little Endian for ARM and DSP – Compact 16-Bit Instructions • Dual Programmable High-Definition Video – Additional Instructions to Support Complex Image Co-Processor (HDVICP) Engines Multiplies – Supports a Range of Encode, Decode, and • C64x+ L1/L2 Memory Architecture Transcode Operations – 32K-Byte L1P Program RAM/Cache (Direct • H.264, MPEG2, VC1, MPEG4 SP/ASP Mapped) • 108-MHz Video Port Interface (VPIF) – 32K-Byte L1D Data RAM/Cache (2-Way – Two 8-Bit SD (BT.656), Single 16-Bit HD 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. 2 All trademarks are the property of their respective owners. PRODUCTION DATA information is current as of publication date. Copyright © 2011, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
Similar Part No. - VCE6467T |
|
Similar Description - VCE6467T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |