Electronic Components Datasheet Search |
|
VCE6467T Datasheet(PDF) 6 Page - Texas Instruments |
|
VCE6467T Datasheet(HTML) 6 Page - Texas Instruments |
6 / 352 page VCE6467T, AVCE6467T SPRS690 – MARCH 2011 www.ti.com 1 Digital Media System-on-Chip (DMSoC) ............ 1 6.1 Parameter Information ............................ 141 6.2 Recommended Clock and Control Signal Transition 1.1 Features .............................................. 1 Behavior ........................................... 142 1.2 Description ........................................... 3 6.3 Power Supplies .................................... 143 1.3 Functional Block Diagram ............................ 5 6.4 External Clock Input From DEV_MXI/DEV_CLKIN 2 Device Overview ........................................ 7 and AUX_MXI/AUX_CLKIN Pins .................. 151 6.5 Clock PLLs ........................................ 155 2.1 Device Characteristics ............................... 7 6.6 Enhanced Direct Memory Access (EDMA3) 2.2 Device Compatibility ................................. 9 Controller .......................................... 163 2.3 ARM Subsystem ..................................... 9 6.7 Reset .............................................. 183 2.4 DSP Subsystem .................................... 13 6.8 Interrupts .......................................... 194 2.5 VCE Software APIs ................................. 18 6.9 External Memory Interface (EMIF) ................ 200 2.6 Memory Map Summary ............................. 21 6.10 DDR2 Memory Controller ......................... 207 2.7 Pin Assignments .................................... 25 6.11 Video Port Interface (VPIF) ....................... 220 2.8 Terminal Functions ................................. 32 6.12 Transport Stream Interface (TSIF) ................ 228 2.9 Device Support ..................................... 80 6.13 Clock Recovery Generator (CRGEN) ............. 238 2.10 Documentation Support ............................ 82 6.14 Video Data Conversion Engine (VDCE) .......... 241 6.15 Peripheral Component Interconnect (PCI) ........ 244 2.11 Community Resources ............................. 82 6.16 Ethernet MAC (EMAC) ............................ 250 3 Device Configurations ................................ 83 6.17 Management Data Input/Output (MDIO) .......... 260 3.1 System Module Registers .......................... 83 6.18 Host-Port Interface (HPI) Peripheral .............. 262 3.2 Power Considerations .............................. 85 6.19 USB 2.0 [see Note] ............................... 270 3.3 Clock Considerations ............................... 88 6.20 ATA Controller ..................................... 280 3.4 Boot Sequence ..................................... 95 6.21 VLYNQ ............................................ 295 3.5 Configurations At Reset ........................... 101 6.22 Multichannel Audio Serial Port (McASP0/1) 3.6 Configurations After Reset ........................ 104 Peripherals ........................................ 300 3.7 Multiplexed Pin Configurations .................... 112 6.23 Serial Peripheral Interface (SPI) .................. 312 3.8 Debugging Considerations ........................ 134 6.24 Universal Asynchronouse Receiver/Transmitter (UART) ............................................ 327 4 System Interconnect ................................ 136 6.25 Inter-Integrated Circuit (I2C) ...................... 334 5 Device Operating Conditions ...................... 137 6.26 Pulse Width Modulator (PWM) .................... 338 5.1 Absolute Maximum Ratings Over Operating Case Temperature Range (Unless Otherwise Noted) 6.27 Timers ............................................. 340 ..................................................... 137 6.28 General-Purpose Input/Output (GPIO) ............ 343 5.2 Recommended Operating Conditions ............. 138 6.29 IEEE 1149.1 JTAG ................................ 346 5.3 Electrical Characteristics Over Recommended 7 Mechanical Packaging and Orderable Ranges of Supply Voltage and Operating Information ............................................ 349 Temperature (Unless Otherwise Noted) .......... 139 7.1 Thermal Data for ZUT ............................. 349 6 Peripheral Information and Electrical 7.2 Packaging Information ............................ 349 Specifications ......................................... 141 6 Contents Copyright © 2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): VCE6467T AVCE6467T |
Similar Part No. - VCE6467T |
|
Similar Description - VCE6467T |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |