Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS6226 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS6226
Description  Gated-Class H, Dual-Port VDSL2 Line Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS6226 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS6226 Datasheet HTML 5Page - Texas Instruments THS6226 Datasheet HTML 6Page - Texas Instruments THS6226 Datasheet HTML 7Page - Texas Instruments THS6226 Datasheet HTML 8Page - Texas Instruments THS6226 Datasheet HTML 9Page - Texas Instruments THS6226 Datasheet HTML 10Page - Texas Instruments THS6226 Datasheet HTML 11Page - Texas Instruments THS6226 Datasheet HTML 12Page - Texas Instruments THS6226 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
-
5
-
4
-
3
-
2
-
1
0
1
2
3
4
5
-
5
0
10
15
20
25
30
Time(ns)
5
Disable
Disable
Enable
70
60
50
40
30
20
10
0
1M
10M
100M
1G
6G
Frequency(Hz)
DifferentialatAmplifierOutput
VO =200mVPP
−50
−25
0
25
50
75
100
125
21
21.3
21.6
21.9
22.2
22.5
22.8
23.1
23.4
23.7
24
380
382
384
386
388
390
392
394
396
398
400
Temperature (°C)
Quiescent Current (Bias 15)
Output Current
−80
−70
−60
−50
−40
−30
−20
−10
0
100k
1M
10M
100M
Frequency (Hz)
+PSRR
CMRR
0
0.2
0.5
0.8
1
1.2
1.5
1.8
2
−50
−25
0
25
50
75
100
125
Temperature (°C)
350
300
250
200
150
100
50
0
Population(mV)
THS6226
www.ti.com
SBOS499B
– JANUARY 2011 – REVISED FEBRUARY 2011
TYPICAL CHARACTERISTICS: VS = +12V (continued)
At TA = +25°C and Full Bias Mode, unless otherwise noted
LARGE-SIGNAL ENABLE/DISABLE RESPONSE
DISABLE FEEDTHROUGH vs FREQUENCY
Figure 14.
Figure 15.
QUIESCENT CURRENT AND OUTPUT
PSRR AND CMRR vs FREQUENCY
vs TEMPERATURE
Figure 16.
Figure 17.
INPUT OFFSET VOLTAGE vs TEMPERATURE
INPUT OFFSET VOLTAGE HISTOGRAM
Figure 18.
Figure 19.
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS6226


Similar Part No. - THS6226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6226 TI-THS6226 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226AIRHBR TI1-THS6226AIRHBR Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226AIRHBT TI1-THS6226AIRHBT Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
More results

Similar Description - THS6226

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS6226 TI-THS6226_15 Datasheet
966Kb / 21P
[Old version datasheet]   Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
THS6226A TI1-THS6226A_16 Datasheet
1Mb / 32P
[Old version datasheet]   THS6226A Gated-Class H, Dual-Port VDSL2 Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
logo
Intersil Corporation
ISL1539AIRZ INTERSIL-ISL1539AIRZ Datasheet
1Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
ISL1591 INTERSIL-ISL1591 Datasheet
938Kb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Renesas Technology Corp
ISL1591 RENESAS-ISL1591 Datasheet
1Mb / 18P
   Fixed Gain, Dual Port, VDSL2 Line Driver
October 31, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com