Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1294R Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1294R
Description  Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1294R Datasheet(HTML) 3 Page - Texas Instruments

  ADS1294R Datasheet HTML 1Page - Texas Instruments ADS1294R Datasheet HTML 2Page - Texas Instruments ADS1294R Datasheet HTML 3Page - Texas Instruments ADS1294R Datasheet HTML 4Page - Texas Instruments ADS1294R Datasheet HTML 5Page - Texas Instruments ADS1294R Datasheet HTML 6Page - Texas Instruments ADS1294R Datasheet HTML 7Page - Texas Instruments ADS1294R Datasheet HTML 8Page - Texas Instruments ADS1294R Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 87 page
background image
ADS1294, ADS1294R
ADS1296, ADS1296R
ADS1298, ADS1298R
www.ti.com
SBAS459G
– JANUARY 2010 – REVISED FEBRUARY 2011
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range, unless otherwise noted.
ADS1294, ADS1296, ADS1298
UNIT
ADS1294R, ADS1296R, ADS1298R
AVDD to AVSS
–0.3 to +5.5
V
DVDD to DGND
–0.3 to +3.9
V
AVSS to DGND
–3 to +0.2
V
VREF input to AVSS
AVSS
– 0.3 to AVDD + 0.3
V
Analog input to AVSS
AVSS
– 0.3 to AVDD + 0.3
V
Digital input voltage to DGND
–0.3 to DVDD + 0.3
V
Digital output voltage to DGND
–0.3 to DVDD + 0.3
V
Digital input voltage to DGND
–0.3 to DVDD + 0.3
V
Digital output voltage to DGND
–0.3 to DVDD + 0.3
V
Input current (momentary)
100
mA
Input current (continuous)
10
mA
Commerical Grade: ADS1294, ADS1296, ADS1298
0 to +70
°C
Operating
temperature
Industrial grade: ADS1294I, ADS1296I, ADS1298I,
–40 to +85
°C
range
ADS1294RI, ADS1296RI, ADS1298RI
Human body model (HBM)
±2000
V
JEDEC standard 22, test method A114-C.01, all pins
ESD ratings
Charged device model (CDM)
±500
V
JEDEC standard 22, test method C101, all pins
Storage temperature range
–60 to +150
°C
Maximum junction temperature (TJ)
+150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
THERMAL INFORMATION
ADS1294/6/8/
ADS1294/6/8
4R/6R/8R
THERMAL METRIC(1)
UNITS
PAG
ZXG
64 PINS
64 PINS
θJA
Junction-to-ambient thermal resistance
35
48
θJCtop
Junction-to-case (top) thermal resistance
31
8
θJB
Junction-to-board thermal resistance
26
25
°C/W
ψJT
Junction-to-top characterization parameter
0.1
0.5
ψJB
Junction-to-board characterization parameter
22
θJCbot
Junction-to-case (bottom) thermal resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ADS1294 ADS1294R ADS1296 ADS1296R ADS1298 ADS1298R


Similar Part No. - ADS1294R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294R TI-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI1-ADS1294R Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294R TI-ADS1294R Datasheet
1Mb / 76P
[Old version datasheet]   Low-Power, 8-Channel, 16-Bit Analog Front-End for Biopotential Measurements
More results

Similar Description - ADS1294R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1294_1008 TI-ADS1294_1008 Datasheet
1Mb / 80P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_15 Datasheet
2Mb / 107P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1207 TI1-ADS1294_1207 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1110 TI-ADS1294_1110 Datasheet
1Mb / 88P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI1-ADS1294_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294 Datasheet
962Kb / 73P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1005 TI-ADS1294_1005 Datasheet
964Kb / 75P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294 TI-ADS1294_12 Datasheet
1Mb / 86P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1294_1007 TI-ADS1294_1007 Datasheet
1Mb / 78P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
ADS1296 TI1-ADS1296_14 Datasheet
2Mb / 92P
[Old version datasheet]   Low-Power, 8-Channel, 24-Bit Analog Front-End for Biopotential Measurements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com