Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS58B19 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS58B19
Description  11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58B19 Datasheet(HTML) 2 Page - Texas Instruments

  ADS58B19 Datasheet HTML 1Page - Texas Instruments ADS58B19 Datasheet HTML 2Page - Texas Instruments ADS58B19 Datasheet HTML 3Page - Texas Instruments ADS58B19 Datasheet HTML 4Page - Texas Instruments ADS58B19 Datasheet HTML 5Page - Texas Instruments ADS58B19 Datasheet HTML 6Page - Texas Instruments ADS58B19 Datasheet HTML 7Page - Texas Instruments ADS58B19 Datasheet HTML 8Page - Texas Instruments ADS58B19 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
ADS58B18
ADS58B19
SBAS487D
– NOVEMBER 2009 – REVISED JANUARY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
SPECIFIED
PACKAGE-
PACKAGE
TEMPERATURE
LEAD/BALL
PACKAGE
ORDERING
TRANSPORT
PRODUCT
LEAD
DESIGNATOR
RANGE
ECO PLAN(2)
FINISH
MARKING
NUMBER
MEDIA
ADS58B18IRGZR
Tape and reel
GREEN (RoHS,
ADS58B18
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ58B18
no Sb/Br)
ADS58B18IRGZT
Tape and reel
ADS58B19IRGZR
Tape and reel
GREEN (RoHS,
ADS58B19
QFN-48
RGZ
–40°C to +85°C
Cu/NiPdAu
AZ58B19
no Sb/Br)
ADS58B19IRGZT
Tape and reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
Eco Plan is the planned eco-friendly classification. Green (RoHS, no Sb/Br): TI defines Green to mean Pb-Free (RoHS compatible) and
free of Bromine- (Br) and Antimony- (Sb) based flame retardants. Refer to the Quality and Lead-Free (Pb-Free) Data web site for more
information.
ABSOLUTE MAXIMUM RATINGS
(1)
ADS58B18, ADS58B19
MIN
MAX
UNIT
Supply voltage range, AVDD
–0.3
2.1
V
Supply voltage range, AVDD_BUF
–0.3
3.9
V
Supply voltage range, DRVDD
–0.3
2.1
V
Voltage between AGND and DRGND
–0.3
0.3
V
Voltage between AVDD to DRVDD (when AVDD leads DRVDD)
–2.4
2.4
V
Voltage between DRVDD to AVDD (when DRVDD leads AVDD)
–2.4
2.4
V
Voltage between AVDD_BUF to DRVDD/AVDD
–4.2
4.2
V
minimum
INP, INM
–0.3
V
(1.9, AVDD + 0.3)
Voltage applied to input pins
CLKP, CLKM(2), RESET, SCLK,
–0.3
AVDD + 0.3
V
SDATA, SEN, DFS, SNRBoost_En
Operating free-air temperature range, TA
–40
+85
°C
Operating junction temperature range, TJ
+125
°C
Storage temperature range, Tstg
–65
+150
°C
ESD, human body model (HBM)
2
kV
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
When AVDD is turned off, it is recommended to switch off the input clock (or ensure the voltage on CLKP, CLKM is less than |0.3V|.
Doing so prevents the ESD protection diodes at the clock input pins from turning on.
THERMAL INFORMATION
ADS58B18
THERMAL METRIC(1)
RGZ
UNITS
48 PINS
θJA
Junction-to-ambient thermal resistance
29
θJCtop
Junction-to-case (top) thermal resistance
n/a
θJB
Junction-to-board thermal resistance
10
°C/W
ψJT
Junction-to-top characterization parameter
0.3
ψJB
Junction-to-board characterization parameter
9
θJCbot
Junction-to-case (bottom) thermal resistance
1.13
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS58B18 ADS58B19


Similar Part No. - ADS58B19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58B19 TI-ADS58B19 Datasheet
1Mb / 75P
[Old version datasheet]   14-/12-Bit, 160/250MSPS, Ultralow-Power ADC
ADS58B19 TI-ADS58B19 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS58B19 TI1-ADS58B19 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
ADS58B19IRGZR TI1-ADS58B19IRGZR Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B19IRGZT TI1-ADS58B19IRGZT Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
More results

Similar Description - ADS58B19

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58B19IRGZT TI1-ADS58B19IRGZT Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18 TI1-ADS58B18_14 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com