Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS58B18 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS58B18
Description  11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS58B18 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS58B18_11 Datasheet HTML 2Page - Texas Instruments ADS58B18_11 Datasheet HTML 3Page - Texas Instruments ADS58B18_11 Datasheet HTML 4Page - Texas Instruments ADS58B18_11 Datasheet HTML 5Page - Texas Instruments ADS58B18_11 Datasheet HTML 6Page - Texas Instruments ADS58B18_11 Datasheet HTML 7Page - Texas Instruments ADS58B18_11 Datasheet HTML 8Page - Texas Instruments ADS58B18_11 Datasheet HTML 9Page - Texas Instruments ADS58B18_11 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
ADS58B18
ADS58B19
SBAS487D
– NOVEMBER 2009 – REVISED JANUARY 2011
www.ti.com
DIGITAL CHARACTERISTICS
The dc specifications refer to the condition where the digital outputs are not switching but are permanently at a valid logic
level
'0' or '1'. AVDD = 1.8V and DRVDD = 1.8V.
ADS58B18, ADS58B19
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DIGITAL INPUTS (RESET, SCLK, SDATA, SEN, OE, SNRBoost_En)
High-level input voltage
RESET, SCLK, SDATA,
1.3
V
SNRBoost_En, and SEN
support 1.8V and 3.3V CMOS
Low-level input voltage
0.4
V
logic levels
High-level input voltage
1.3
V
OE only supports 1.8V CMOS
logic levels
Low-level input voltage
0.4
V
High-level input current: SDATA, SCLK(1)
VHIGH = 1.8V
10
µA
High-level input current: SEN(2)
VHIGH = 1.8V
0
µA
Low-level input current: SDATA, SCLK
VLOW = 0V
0
µA
Low-level input current: SEN
VLOW = 0V
–10
µA
DIGITAL OUTPUTS (CMOS INTERFACE: D0 TO D13, OVR_SDOUT)
High-level output voltage
DRVDD
– 0.1
DRVDD
V
Low-level output voltage
0
0.1
V
DIGITAL OUTPUTS (LVDS INTERFACE: D0P/M TO D9_10_P/M, CLKOUTP/M)
High-level output voltage(3)
VODH
Standard swing LVDS
270
+350
430
mV
Low-level output voltage(3)
VODL
Standard swing LVDS
–430
–350
–270
mV
High-level output voltage(3)
VODH
Low swing LVDS
+200
mV
Low-level output voltage(3)
VODL
Low swing LVDS
–200
mV
Output common-mode voltage
VOCM
0.85
1.05
1.25
V
(1)
SDATA and SCLK have an internal 180k
Ω pull-down resistor.
(2)
SEN has an internal 180k
Ω pull-up resistor to AVDD.
(3)
With an external 100
Ω termination.
6
Submit Documentation Feedback
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s): ADS58B18 ADS58B19


Similar Part No. - ADS58B18_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58B18 TI1-ADS58B18_14 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
More results

Similar Description - ADS58B18_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS58B19IRGZT TI1-ADS58B19IRGZT Datasheet
1Mb / 69P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS, Ultralow-Power ADCs with Analog Buffer
ADS58B18 TI1-ADS58B18_14 Datasheet
1Mb / 70P
[Old version datasheet]   11-Bit, 200MSPS/9-Bit, 250MSPS Ultralow-Power ADCs with Analog Buffer
logo
Renesas Technology Corp
ISLA212P RENESAS-ISLA212P Datasheet
1Mb / 36P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B29 TI-ADS41B29 Datasheet
1Mb / 64P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Renesas Technology Corp
ISLA216P RENESAS-ISLA216P Datasheet
1Mb / 35P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
logo
Texas Instruments
ADS41B49 TI-ADS41B49_13 Datasheet
2Mb / 65P
[Old version datasheet]   14-/12-Bit, 250MSPS, Ultralow-Power ADC with Analog Buffers
logo
Intersil Corporation
ISLA216P_1104 INTERSIL-ISLA216P_1104 Datasheet
1Mb / 33P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA216P INTERSIL-ISLA216P Datasheet
1Mb / 32P
   16-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA212P INTERSIL-ISLA212P Datasheet
1Mb / 35P
   12-Bit, 250MSPS/200MSPS/130MSPS ADC
ISLA214P13IRZ INTERSIL-ISLA214P13IRZ Datasheet
1Mb / 35P
   14-Bit, 250MSPS/200MSPS/130MSPS ADC
December 5, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com