Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTP5401FLTA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTP5401FLTA
Description  150V, SOT23, PNP High voltage transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTP5401FLTA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTP5401FLTA Datasheet HTML 1Page - Diodes Incorporated ZXTP5401FLTA Datasheet HTML 2Page - Diodes Incorporated ZXTP5401FLTA Datasheet HTML 3Page - Diodes Incorporated ZXTP5401FLTA Datasheet HTML 4Page - Diodes Incorporated ZXTP5401FLTA Datasheet HTML 5Page - Diodes Incorporated ZXTP5401FLTA Datasheet HTML 6Page - Diodes Incorporated ZXTP5401FLTA Datasheet HTML 7Page - Diodes Incorporated ZXTP5401FLTA Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZXTP5401FL
Issue 1 - August 2007
2
www.zetex.com
© Zetex Semiconductors plc 2007
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 25mm x 25mm x 1.6mm FR4 PCB with high coverage of single sided 1oz weight
copper, in still air conditions.
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
-160
V
Collector-emitter voltage
VCEO
-150
V
Emitter-base voltage
VEBO
-5
V
Continuous collector current(a)
IC
-600
mA
Pulsed collector current
ICM
-1
A
Power dissipation at Tamb =25°C(a)
PD
330
mW
Linear derating factor
2.64
mW/°C
Operating and storage temperature range
Tj, Tstg
-55 to 150
°C
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient(a)
R JA
379
°C/W


Similar Part No. - ZXTP5401FLTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP5401FLTA ZETEX-ZXTP5401FLTA Datasheet
156Kb / 8P
   150V, SOT23, PNP High voltage transistor
More results

Similar Description - ZXTP5401FLTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP5401FL ZETEX-ZXTP5401FL Datasheet
156Kb / 8P
   150V, SOT23, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
   150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
MMBT5401 DIODES-MMBT5401_15 Datasheet
313Kb / 7P
   150V PNP SMALL SIGNAL TRANSISTOR IN SOT23
ZXTP5401G DIODES-ZXTP5401G Datasheet
250Kb / 8P
   150V, SOT223, PNP High voltage transistor
logo
Zetex Semiconductors
ZXTP5401G ZETEX-ZXTP5401G Datasheet
238Kb / 8P
   150V, SOT223, PNP High voltage transistor
ZXTP5401Z ZETEX-ZXTP5401Z Datasheet
241Kb / 8P
   150V, SOT89, PNP High voltage transistor
logo
Diodes Incorporated
ZXTP5401Z DIODES-ZXTP5401Z Datasheet
253Kb / 8P
   150V, SOT89, PNP High voltage transistor
FMMT560TC DIODES-FMMT560TC Datasheet
478Kb / 7P
   500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
FMMT558 DIODES-FMMT558_15 Datasheet
406Kb / 7P
   400V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
logo
Zetex Semiconductors
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
   SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com