Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN25060BFH Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXTN25060BFH
Description  60V, SOT23, NPN medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN25060BFH Datasheet(HTML) 6 Page - Diodes Incorporated

  ZXTN25060BFH Datasheet HTML 1Page - Diodes Incorporated ZXTN25060BFH Datasheet HTML 2Page - Diodes Incorporated ZXTN25060BFH Datasheet HTML 3Page - Diodes Incorporated ZXTN25060BFH Datasheet HTML 4Page - Diodes Incorporated ZXTN25060BFH Datasheet HTML 5Page - Diodes Incorporated ZXTN25060BFH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZXTN25060BFH
Issue 1 - March 2006
6
www.zetex.com
© Zetex Semiconductors plc 2006
For international sales offices visit www.zetex.com/offices
Zetex products are distributed worldwide. For details, see www.zetex.com/salesnetwork
This publication is issued to provide outline information only which (unless agreed by the company in writing) may not be used, applied or
reproduced for any purpose or form part of any order or contact or be regarded as a representation relating to the products or services concerned.
The company reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
Europe
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Highway
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia Ltd)
3701-04 Metroplaza Tower 1
Hing Fong Road, Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
Corporate Headquarters
Zetex Semiconductors plc
Zetex Technology Park, Chadderton
Oldham, OL9 9LL
United Kingdom
Telephone: (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Package outline - SOT23
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Dim.
Millimeters
Inches
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
Min.
Max.
Max.
Max.
A
2.67
3.05
0.105
0.120
H
0.33
0.51
0.013
0.020
B
1.20
1.40
0.047
0.055
K
0.01
0.10
0.0004
0.004
C
-
1.10
-
0.043
L
2.10
2.50
0.083
0.0985
D
0.37
0.53
0.015
0.021
M
0.45
0.64
0.018
0.025
F
0.085
0.15
0.0034
0.0059
N
0.95 NOM
0.0375 NOM
G
1.90 NOM
0.075 NOM
-
-
-
-
-
L
N
H
G
A
C
F
B
M
K
D
3 leads


Similar Part No. - ZXTN25060BFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
   60V, SOT23, NPN medium power transistor
ZXTN25060BFHTA ZETEX-ZXTN25060BFHTA Datasheet
392Kb / 6P
   60V, SOT23, NPN medium power transistor
More results

Similar Description - ZXTN25060BFH

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN2018F DIODES-ZXTN2018F Datasheet
513Kb / 6P
   60V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25060BFH ZETEX-ZXTN25060BFH Datasheet
392Kb / 6P
   60V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
FMMT491 DIODES-FMMT491_15 Datasheet
393Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT451 DIODES-FMMT451_15 Datasheet
507Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491Q DIODES-FMMT491Q_15 Datasheet
303Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491Q DIODES-FMMT491Q Datasheet
303Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
FMMT491TA DIODES-FMMT491TA Datasheet
153Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
ZXTN2018FQ DIODES-ZXTN2018FQ Datasheet
493Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT23
May 2019
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
   60V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTP25060BFH DIODES-ZXTP25060BFH Datasheet
396Kb / 8P
   60V, SOT23, PNP medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com