Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN25040DFH Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXTN25040DFH
Description  40V, SOT23, NPN medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN25040DFH Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXTN25040DFH Datasheet HTML 1Page - Diodes Incorporated ZXTN25040DFH Datasheet HTML 2Page - Diodes Incorporated ZXTN25040DFH Datasheet HTML 3Page - Diodes Incorporated ZXTN25040DFH Datasheet HTML 4Page - Diodes Incorporated ZXTN25040DFH Datasheet HTML 5Page - Diodes Incorporated ZXTN25040DFH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZXTN25040DFH
Issue 1 - June 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
130
170
V
IC = 100 A
Collector-emitter breakdown
voltage (forward blocking)
BVCEX
130
170
V
IC = 100 A; RBE < 1k or
-1V < VBE < 0.25V
Collector-emitter breakdown
voltage (base open)
BVCEO
40
63
V
IC = 10mA
(*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
78.3
V
IE = 100 A
Emitter-collector breakdown
voltage (reverse blocking)
BVECX
67.4
V
IE = 100 A, RBC < 1k or
0.25V > VBC > -0.25V
Emitter-collector breakdown
voltage (base open)
BVECO
67.4
V
IE = 100 A,
Collector-base cut-off current ICBO
<1
50
20
nA
A
VCB = 100V
VCB = 100V, Tamb= 100°C
Collector-emitter cut-off
current
ICEX
-100
nA
VCE = 100V; RBE < 1k
or
-1V < VBE < 0.25V
Emitter-base cut-off current
IEBO
<1
50
nA
VEB = 5.6V
Collector-emitter saturation
voltage
VCE(sat)
45
55
mV
IC = 1A, IB = 100mA
(*)
120
210
mV
IC = 1A, IB = 10mA
(*)
135
210
mV
IC = 2A, IB = 40mA
(*)
140
190
mV
IC = 4A, IB = 400mA
(*)
Base-emitter saturation
voltage
VBE(sat)
960
1050
mV
IC = 4A, IB = 400mA
(*)
Base-emitter turn-on voltage VBE(on)
840
950
mV
IC = 4A, VCE = 2V
(*)
Static forward current
transfer ratio
hFE
300
450
900
IC = 10mA, VCE = 2V
(*)
300
450
IC = 1A, VCE = 2V
(*)
30
60
IC = 4A, VCE = 2V
(*)
10
IC = 10A, VCE = 2V
(*)
Transition frequency
fT
190
MHz
IC = 50mA, VCE = 10V
f = 100MHz
Output capacitance
COBO
11.7
20
pF
VCB = 10V, f = 1MHz
(*)
Delay time
td
64
ns
VCC = 10V,
IC = 1A,
IB1 = IB2= 10mA
Rise time
tr
108
ns
Storage time
ts
428
ns
Fall time
tf
130
ns


Similar Part No. - ZXTN25040DFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25040DFH ZETEX-ZXTN25040DFH Datasheet
397Kb / 6P
   40V, SOT23, NPN medium power transistor
ZXTN25040DFHTA ZETEX-ZXTN25040DFHTA Datasheet
397Kb / 6P
   40V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25040DFH DIODES-ZXTN25040DFH_15 Datasheet
207Kb / 7P
   40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
More results

Similar Description - ZXTN25040DFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25040DFH ZETEX-ZXTN25040DFH Datasheet
397Kb / 6P
   40V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN2040F DIODES-ZXTN2040F_15 Datasheet
488Kb / 6P
   40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
ZXTN25040DFH DIODES-ZXTN25040DFH_15 Datasheet
207Kb / 7P
   40V NPN MEDIUM POWER PLANAR TRANSISTOR IN SOT23
ZXTP25040DFH DIODES-ZXTP25040DFH_15 Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25040DFH ZETEX-ZXTP25040DFH Datasheet
245Kb / 6P
   40V SOT23 PNP medium power transistor
logo
Diodes Incorporated
ZXTP25040DFH DIODES-ZXTP25040DFH Datasheet
251Kb / 6P
   40V SOT23 PNP medium power transistor
FMMT491A DIODES-FMMT491A_15 Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
FMMT491ATA DIODES-FMMT491ATA Datasheet
210Kb / 7P
   40V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
ZXTP2041F DIODES-ZXTP2041F_15 Datasheet
331Kb / 7P
   40V PNP MEDIUM POWER TRANSISTOR IN SOT23
logo
Zetex Semiconductors
ZXTN25040DFL ZETEX-ZXTN25040DFL Datasheet
554Kb / 8P
   40V, SOT23, NPN low power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com