Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN25012EFH Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXTN25012EFH
Description  12V, SOT23, NPN medium power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN25012EFH Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXTN25012EFH Datasheet HTML 1Page - Diodes Incorporated ZXTN25012EFH Datasheet HTML 2Page - Diodes Incorporated ZXTN25012EFH Datasheet HTML 3Page - Diodes Incorporated ZXTN25012EFH Datasheet HTML 4Page - Diodes Incorporated ZXTN25012EFH Datasheet HTML 5Page - Diodes Incorporated ZXTN25012EFH Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZXTN25012EFH
Issue 3 - March 2008
2
www.zetex.com
© Zetex Semiconductors plc 2008
Absolute maximum ratings
NOTES:
(a) For a device surface mounted on 15mm x 15mm x 1.6mm FR4 PCB with high coverage of single sided 1oz copper, in
still air conditions.
(b) Mounted on 25mm x 25mm x 1.6mm FR4 PCB with a high coverage of single sided 2 oz copper in still air conditions.
(c) Mounted on 50mm x 50mm x 1.6mm FR4 PCB with a high coverage of single sided 2 oz copper in still air conditions.
(d) As (c) above measured at t<5secs.
Parameter
Symbol
Limit
Unit
Collector-base voltage
VCBO
20
V
Collector-emitter voltage
VCEO
12
V
Emitter-collector voltage (reverse blocking)
VECX
6V
Emitter-base voltage
VEBO
7V
Continuous collector current(c)
IC
6A
Base current
IB
1A
Peak pulse current
ICM
15
A
Power dissipation at Tamb =25°C
(a)
Linear derating factor
PD
0.73
5.84
W
mW/°C
Power dissipation at Tamb =25°C
(b)
Linear derating factor
PD
1.05
8.4
W
mW/°C
Power dissipation at Tamb =25°C
(c)
Linear derating factor
PD
1.25
9.6
W
mW/°C
Power dissipation at Tamb =25°C
(d)
Linear derating factor
PD
1.81
14.5
W
mW/°C
Operating and storage temperature range
Tj, Tstg
- 55 to 150
°C
Thermal resistance
Parameter
Symbol
Limit
Unit
Junction to ambient(a)
R JA
171
°C/W
Junction to ambient(b)
R JA
119
°C/W
Junction to ambient(c)
R JA
100
°C/W
Junction to ambient(d)
R JA
69
°C/W


Similar Part No. - ZXTN25012EFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
   12V, SOT23, NPN medium power transistor
More results

Similar Description - ZXTN25012EFH

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN25012EFH ZETEX-ZXTN25012EFH Datasheet
384Kb / 6P
   12V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTP25012EFH DIODES-ZXTP25012EFH Datasheet
333Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Zetex Semiconductors
ZXTP25012EFH ZETEX-ZXTP25012EFH Datasheet
445Kb / 8P
   12V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
ZXTN25012EFL DIODES-ZXTN25012EFL Datasheet
488Kb / 8P
   12V, SOT23, NPN low power transistor
logo
Zetex Semiconductors
ZXTN25012EFL ZETEX-ZXTN25012EFL Datasheet
476Kb / 8P
   12V, SOT23, NPN low power transistor
ZXTN25100DFH ZETEX-ZXTN25100DFH Datasheet
391Kb / 6P
   100V, SOT23, NPN medium power transistor
logo
Diodes Incorporated
ZXTN25020BFH DIODES-ZXTN25020BFH Datasheet
400Kb / 6P
   20V, SOT23, NPN medium power transistor
ZXTN25020DFH DIODES-ZXTN25020DFH Datasheet
263Kb / 6P
   20V SOT23 NPN medium power transistor
ZXTN23015CFH DIODES-ZXTN23015CFH Datasheet
175Kb / 6P
   15V, SOT23, NPN medium power transistor
logo
Zetex Semiconductors
ZXTN25020DFH ZETEX-ZXTN25020DFH Datasheet
257Kb / 6P
   20V SOT23 NPN medium power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com