Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN07012EFFTA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXTN07012EFFTA
Description  12V, SOT23F, NPN high gain power transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN07012EFFTA Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXTN07012EFFTA Datasheet HTML 1Page - Diodes Incorporated ZXTN07012EFFTA Datasheet HTML 2Page - Diodes Incorporated ZXTN07012EFFTA Datasheet HTML 3Page - Diodes Incorporated ZXTN07012EFFTA Datasheet HTML 4Page - Diodes Incorporated ZXTN07012EFFTA Datasheet HTML 5Page - Diodes Incorporated ZXTN07012EFFTA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZXTN07012EFF
Issue 1 - September 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006
Characteristics


Similar Part No. - ZXTN07012EFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN07012EFFTA ZETEX-ZXTN07012EFFTA Datasheet
446Kb / 6P
   12V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN07012EFFTA DIODES-ZXTN07012EFFTA Datasheet
372Kb / 7P
   12V NPN HIGH GAIN POWER TRANSISTOR
More results

Similar Description - ZXTN07012EFFTA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN07012EFF ZETEX-ZXTN07012EFF Datasheet
446Kb / 6P
   12V, SOT23F, NPN high gain power transistor
ZXTN19020CFF ZETEX-ZXTN19020CFF Datasheet
454Kb / 8P
   20V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN19100CFF DIODES-ZXTN19100CFF Datasheet
467Kb / 8P
   100V, SOT23F, NPN high gain power transistor
ZXTN07045EFF DIODES-ZXTN07045EFF Datasheet
323Kb / 8P
   45V, SOT23F, NPN high gain power transistor
ZXTN19020DFF DIODES-ZXTN19020DFF Datasheet
459Kb / 8P
   20V, SOT23F, NPN high gain power transistor
logo
Zetex Semiconductors
ZXTN19060CFF ZETEX-ZXTN19060CFF Datasheet
513Kb / 6P
   60V, SOT23F, NPN high gain power transistor
ZXTN19020DFF ZETEX-ZXTN19020DFF Datasheet
462Kb / 8P
   20V, SOT23F, NPN high gain power transistor
ZXTN07045EFF ZETEX-ZXTN07045EFF Datasheet
452Kb / 8P
   45V, SOT23F, NPN high gain power transistor
ZXTN19100CFF ZETEX-ZXTN19100CFF Datasheet
455Kb / 8P
   100V, SOT23F, NPN high gain power transistor
logo
Diodes Incorporated
ZXTN19020CFF DIODES-ZXTN19020CFF Datasheet
467Kb / 8P
   20V, SOT23F, NPN high gain power transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com