Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXTN5551Z Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXTN5551Z
Description  160V, SOT89, NPN high voltage transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXTN5551Z Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXTN5551Z Datasheet HTML 1Page - Diodes Incorporated ZXTN5551Z Datasheet HTML 2Page - Diodes Incorporated ZXTN5551Z Datasheet HTML 3Page - Diodes Incorporated ZXTN5551Z Datasheet HTML 4Page - Diodes Incorporated ZXTN5551Z Datasheet HTML 5Page - Diodes Incorporated ZXTN5551Z Datasheet HTML 6Page - Diodes Incorporated ZXTN5551Z Datasheet HTML 7Page - Diodes Incorporated ZXTN5551Z Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Issue 1 - August 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
ZXTN5551Z
160V, SOT89, NPN high voltage transistor
Summary
BVCEO > 160V
BVEBO > 6V
IC(cont) = 600mA
PD = 1.2W
Complementary part number ZXTP5401Z
Description
A high voltage NPN transistor in a small outline surface mount package
Features
•160V rating
SOT89 package
Applications
High voltage amplification
Ordering information
Device marking
N51
Device
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXTN5551ZTA
7
12
1000
C
E
B
C
E
Pinout - top view
C
B


Similar Part No. - ZXTN5551Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551Z ZETEX-ZXTN5551Z Datasheet
226Kb / 8P
   160V, SOT89, NPN high voltage transistor
ZXTN5551ZTA ZETEX-ZXTN5551ZTA Datasheet
226Kb / 8P
   160V, SOT89, NPN high voltage transistor
More results

Similar Description - ZXTN5551Z

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN5551Z ZETEX-ZXTN5551Z Datasheet
226Kb / 8P
   160V, SOT89, NPN high voltage transistor
logo
Diodes Incorporated
DXT5551 DIODES-DXT5551_15 Datasheet
419Kb / 6P
   160V NPN TRANSISTOR IN SOT89
DXT5551P5_1011 DIODES-DXT5551P5_1011 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR
DXT5551P5 DIODES-DXT5551P5_15 Datasheet
137Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
logo
Zetex Semiconductors
ZXTN5551FL ZETEX-ZXTN5551FL Datasheet
206Kb / 8P
   160V, SOT23, NPN High voltage transistor
ZXTN5551G ZETEX-ZXTN5551G Datasheet
335Kb / 8P
   160V, SOT223, NPN high voltage transistor
logo
Diodes Incorporated
ZXTN5551FL DIODES-ZXTN5551FL Datasheet
218Kb / 8P
   160V, SOT23, NPN High voltage transistor
DXT5551P5 DIODES-DXT5551P5 Datasheet
135Kb / 7P
   160V NPN HIGH VOLTAGE TRANSISTOR PowerDI짰5
DS32066 Rev. 2 - 2
ZXTN5551G DIODES-ZXTN5551G Datasheet
346Kb / 8P
   160V, SOT223, NPN high voltage transistor
DZT5551 DIODES-DZT5551_15 Datasheet
155Kb / 7P
   160V NPN VOLTAGE TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com