Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2242-12 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2242-12
Description  14-Bit 250Msps/ 210Msps/170Msps ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2242-12 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2242-12 Datasheet HTML 5Page - Linear Technology LTC2242-12 Datasheet HTML 6Page - Linear Technology LTC2242-12 Datasheet HTML 7Page - Linear Technology LTC2242-12 Datasheet HTML 8Page - Linear Technology LTC2242-12 Datasheet HTML 9Page - Linear Technology LTC2242-12 Datasheet HTML 10Page - Linear Technology LTC2242-12 Datasheet HTML 11Page - Linear Technology LTC2242-12 Datasheet HTML 12Page - Linear Technology LTC2242-12 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
21521014p
LTC2152-14/
LTC2151-14/LTC2150-14
LTC2151-14: Integral Nonlinearity
INL
LTC2151-14: Differential Nonlinearity
DNL
LTC2151-14: 32K Point FFT,
fIN = 15MHz, –1dBFS, 210Msps
LTC2151-14: 32K Point FFT,
fIN = 71MHz, –1dBFS, 210Msps
LTC2151-14: 32K Point FFT,
fIN = 101MHz, –1dBFS, 210Msps
OUTPUT CODE
0
–2.0
–1.5
–1.0
–0.5
0
0.5
2.0
1.5
1.0
4096
8192
12288
16384
21521014 G21
OUTPUT CODE
0
–0.4
–0.2
0
0.2
0.4
4096
8192
12288
16384
21521014 G22
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G23
100
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G24
100
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G25
100
–20
LTC2151-14: 32K Point FFT,
fIN = 227MHz, –1dBFS, 210Msps
LTC2151-14: 32K Point FFT,
fIN = 379MHz, –1dBFS, 210Msps
LTC2151-14: 32K Point FFT,
fIN = 171MHz, –1dBFS, 210Msps
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G26
100
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G27
100
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21521014 G28
100
–20
TYPICAL PERFORMANCE CHARACTERISTICS


Similar Part No. - LTC2242-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2242-12 LINER-LTC2242-12 Datasheet
465Kb / 28P
   12-Bit, 250Msps ADC
LTC2242-12 LINER-LTC2242-12 Datasheet
644Kb / 34P
   Dual 14-Bit 250Msps
LTC2242-12 LINER-LTC2242-12 Datasheet
1Mb / 24P
   16-Bit, 20Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
   12-Bit, 250Msps ADC
More results

Similar Description - LTC2242-12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2150-14 LINER-LTC2150-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-14 LINER-LTC2152-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-14 LINER-LTC2151-14_15 Datasheet
1Mb / 32P
   14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2155-14 LINER-LTC2155-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-14 LINER-LTC2156-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2157-14 LINER-LTC2157-14_15 Datasheet
1,014Kb / 34P
   Dual 14-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2156-12 LINER-LTC2156-12_15 Datasheet
928Kb / 32P
   Dual 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2151-12 LINER-LTC2151-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2150-12 LINER-LTC2150-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
LTC2152-12 LINER-LTC2152-12_15 Datasheet
677Kb / 30P
   Single 12-Bit 250Msps/ 210Msps/170Msps ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com